| Zakładka z wyszukiwarką danych komponentów |
|
LP5523TMX/NOPB Arkusz danych(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5523TMX/NOPB Arkusz danych(HTML) 38 Page - Texas Instruments |
|
38 / 61 page ![]() 38 LP5523 SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017 www.ti.com Product Folder Links: LP5523 Submit Documentation Feedback Copyright © 2009–2017, Texas Instruments Incorporated 4F PROG MEM PAGE SELECT • 4F — Bits [2:0] — PAGE_SEL – These bits select the program memory page. The program memory is divided into six pages of 16 instructions; thus, the total amount of the program memory is 96 instructions. 70H ENG1 MAPPING MSB • Valid engine 1-to-LED -mapping information can be read from ENG1 MAPPING register. • 70H — Bit [7] GPO – 1 = GPO pin is mapped to the program execution engine 1. – 0 = GPO pin non-mapped to the program execution engine 1. • 70H — Bit [0] D9 – 1 = D9 pin is mapped to the program execution engine 1. – 0 = D9 pin non-mapped to the program execution engine 1. 71H ENG1 MAPPING LSB • 71H — Bit [7] D8 – 1 = D8 pin is mapped to the program execution engine 1. – 0 = D8 pin non-mapped to the program execution engine 1. • 71H — Bit [6] D7 – 1 = D7 pin is mapped to the program execution engine 1. – 0 = D7 pin non-mapped to the program execution engine 1. • 71H — Bit [5] D6 – 1 = D6 pin is mapped to the program execution engine 1. – 0 = D6 pin non-mapped to the program execution engine 1. • 71H — Bit [4] D5 – 1 = D5 pin is mapped to the program execution engine 1. – 0 = D5 pin non-mapped to the program execution engine 1. • 71H — Bit [3] D4 – 1 = D4 pin is mapped to the program execution engine 1. – 0 = D4 pin non-mapped to the program execution engine 1. • 71H — Bit [2] D3 – 1 = D3 pin is mapped to the program execution engine 1. – 0 = D3 pin non-mapped to the program execution engine 1. • 71H — Bit [1] D2 – 1 = D2 pin is mapped to the program execution engine 1. – 0 = D2 pin non-mapped to the program execution engine 1. • 71H — Bit [0] D1 – 1 = D1 pin is mapped to the program execution engine 1. – 0 = D1 pin non-mapped to the program execution engine 1. 72H ENG2 MAPPING MSB • Valid engine 2-to-LED-mapping information can be read from ENG2 MAPPING register. • 72H — Bit [7] GPO – See description above for ENG1 MAPPING register. • 72H — Bit [0] D9 – See previous description for ENG1 MAPPING register. 73H ENG2 MAPPING LSB • 73H — Bit [7] D8 to Bit [0] D1 • See previous description for ENG1 MAPPING register. 74H ENG3 MAPPING MSB • Valid engine 3-to-LED -mapping information can be read from ENG3 MAPPING register. |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |