Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V58C2128 Arkusz danych(PDF) 1 Page - Mosel Vitelic, Corp

Numer części V58C2128
Szczegółowy opis  HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSEL [Mosel Vitelic, Corp]
Strona internetowa  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2128 Arkusz danych(HTML) 1 Page - Mosel Vitelic, Corp

  V58C2128 Datasheet HTML 1Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 2Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 3Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 4Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 5Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 6Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 7Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 8Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
MOSEL VITELIC
1
V58C2128(804/404/164)S
HIGH PERFORMANCE
2.5 VOLT 128 Mbit DDR SDRAM
4 BANKS X 4Mbit X 8 (804)
4 BANKS X 2Mbit X 16 (164)
4 BANKS X 8Mbit X 4 (404)
PRELIMINARY
V58C2128(804/404/164)S Rev.1.6 March 2002
67
75
8
DDR333B
DDR266A
DDR266B
DDR200
Clock Cycle Time (tCK2)
7.5 ns
7.5ns
10 ns
10 ns
Clock Cycle Time (tCK2.5)
6 ns
7ns
7.5 ns
8 ns
System Frequency (fCK max)
167 MHz
143 MHz
133 MHz
125 MHz
Features
■ High speed data transfer rates with system
frequency up to 166 MHz
■ Data Mask for Write Control
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency: 2, 2.5
■ Programmable Wrap Sequence: Sequential
or Interleave
■ Programmable Burst Length:
2, 4, 8 for Sequential Type
2, 4, 8 for Interleave Type
■ Automatic and Controlled Precharge Command
■ Power Down Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 4096 cycles/64 ms
■ Available in 66-pin 400 mil TSOP
■ SSTL-2 Compatible I/Os
■ Double Data Rate (DDR)
■ Bidirectional Data Strobe (DQS) for input and
output data, active on both edges
■ On-Chip DLL aligns DQ and DQs transitions with
CK transitions
■ Differential clock inputs CK and CK
■ Power Supply 2.5V ± 0.2V
■ QFC options for FET control. x4 parts.
*Note: DDR 333B Supports PC2700 module with 2.5-3-3 timing
DDR 266A Supports PC2100 module with 2-3-3 timing
DDR 266B Supports PC2100 module with 2.5-3-3 timing
DDR 200 Supports PC1600 module with 2-2-2 timing
Description
The V58C2128(804/404/164)S is a four bank
DDR DRAM organized as 4 banks x 4Mbit x 8 (804),
4 banks x 2Mbit x 16 (404), or 4 banks x 8Mbit x 4
(164). The V58C2128(804/404/164)S achieves high
speed data transfer rates by employing a chip archi-
tecture that prefetches multiple bits and then syn-
chronizes the output data to a system clock.
All of the control, address, circuits are synchro-
nized with the positive edge of an externally sup-
plied clock. I/O transactions are ocurring on both
edges of DQS.
Operating the four memory banks in an inter-
leaved fashion allows random access operation to
occur at a higher rate than is possible with standard
DRAMs. A sequential and gapless data rate is pos-
sible depending on burst length, CAS latency and
speed grade of the device.
Device Usage Chart
Operating
Temperature
Range
Package Outline
CK Cycle Time (ns)
Power
Temperature
Mark
JEDEC 66 TSOP II
-6
-7
-75
-8
Std.
L
0°C to 70°C
Blank


Podobny numer części - V58C2128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mosel Vitelic, Corp
V58C2256 MOSEL-V58C2256 Datasheet
814Kb / 61P
HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C2256164S MOSEL-V58C2256164S Datasheet
814Kb / 61P
HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C2256404S MOSEL-V58C2256404S Datasheet
814Kb / 61P
HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C2256804S MOSEL-V58C2256804S Datasheet
814Kb / 61P
HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
More results

Podobny opis - V58C2128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mosel Vitelic, Corp
V58C2256 MOSEL-V58C2256 Datasheet
814Kb / 61P
HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
logo
Integrated Silicon Solu...
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
8Meg x 16 128-MBIT DDR SDRAM
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
4Meg x 32 128-MBIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com