Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V58C2128 Arkusz danych(PDF) 33 Page - Mosel Vitelic, Corp

Numer części V58C2128
Szczegółowy opis  HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSEL [Mosel Vitelic, Corp]
Strona internetowa  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2128 Arkusz danych(HTML) 33 Page - Mosel Vitelic, Corp

Back Button V58C2128 Datasheet HTML 29Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 30Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 31Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 32Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 33Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 34Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 35Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 36Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 37Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
33
MOSEL VITELIC
V58C2128(804/404/164)S
V58C2128(804/404/164)S Rev. 1.6 March 2002
DC Operating Conditions & Specifications
DC Operating Conditions
Recommended operating conditions(Voltage referenced to VSS=0V, TA=0 to 70°C)
Notes: 1. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the DC level of the same. Peak-
to-peak noise on VREF may not exceed 2% of the DC value
2.VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of VREF
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
Table 11. DC operating condition
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage (for device with a nominal VDD of 2.5V)
VDD
2.3
2.7
I/O Supply voltage
VDDQ
2.3
2.7
V
I/O Reference voltage
VREF
0.49*VDDQ
0.51*VDDQ
V
1
I/O Termination voltage(system)
VTT
VREF-0.04
VREF+0.04
V
2
Input logic high voltage
VIH(DC)
VREF+0.15
VDDQ+0.3
V
Input logic low voltage
VIL(DC)
-0.3
VREF-0.15
V
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.3
VDDQ+0.6
V
3
Input leakage current
II
-2
2
uA
Output leakage current
IOZ
-5
5
uA
Output High Current (VOUT = 1.95V)
IOH
-16.8
mA
Output Low Current (VOUT = 0.35V)
IOL
16.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com