Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V58C2128 Arkusz danych(PDF) 23 Page - Mosel Vitelic, Corp

Numer części V58C2128
Szczegółowy opis  HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSEL [Mosel Vitelic, Corp]
Strona internetowa  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2128 Arkusz danych(HTML) 23 Page - Mosel Vitelic, Corp

Back Button V58C2128 Datasheet HTML 19Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 20Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 21Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 22Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 23Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 24Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 25Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 26Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 27Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
23
MOSEL VITELIC
V58C2128(804/404/164)S
V58C2128(804/404/164)S Rev. 1.6 March 2002
Write Interrupted by a Read
A Burst Write can be interrupted by a Read command to any bank. If a burst write operation is interrupted
prior to the end of the burst operation, then the last two pieces of input data prior to the Read command must
be masked off with the data mask (DM) input pin to prevent invalid data from being written into the memory
array. Any data that is present on the DQ pins coincident with or following the Read command will be masked
off by the Read command and will not be written to the array. The memory controller must give up control of
both the DQ bus and the DQS bus at least one clock cycle before the read data appears on the outputs in
order to avoid contention. In order to avoid data contention within the device, a delay is required (t
CDLR) from
the last valid data input before a Read command can be issued to the device. It is illegal to interrupt a Write
with autoprecharge command with a Read command.
Write Interrupted by a Read Command Timing
Auto Refresh
The Auto Refresh command is issued by having CS, RAS, and CAS held low with CKE and WE high at the
rising edge of the clock. All banks must be precharged and idle for a t
RP(min) before the Auto Refresh com-
mand is applied. No control of the address pins is required once this cycle has started because of the internal
address counter. When the Auto Refresh cycle has completed, all banks will be in the idle state. A delay be-
tween the Auto Refresh command and the next Activate command or subsequent Auto Refresh command
must be greater than or equal to the t
RFC(min). Commands may not be issued to the device once an Auto
Refresh cycle has begun. CS input must remain high during the refresh period or NOP commands must be
registered on each rising edge of the CK input until the refresh period is satisfied.
Auto Refresh Timing
(CAS Latency = 2; Burst Length = 8)
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
Write
NOP
Read
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
CK, CK
Command
DQS
T12
DM
D2 D3 D4 D5
D0
D2 D3 D4 D5 D6
D1
D7
DQ
Data is masked
by Read command
Data is masked
by DM input
DQS input ignored
D0 D1
tWTR
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
NOP
NOP
NOP
CK, CK
Command
CKE
T11
Auto Ref
ANY
High
Pre All
tRFC
tRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com