Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V58C2128 Arkusz danych(PDF) 13 Page - Mosel Vitelic, Corp

Numer części V58C2128
Szczegółowy opis  HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSEL [Mosel Vitelic, Corp]
Strona internetowa  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2128 Arkusz danych(HTML) 13 Page - Mosel Vitelic, Corp

Back Button V58C2128 Datasheet HTML 9Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 10Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 11Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 12Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 13Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 14Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 15Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 16Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 17Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
MOSEL VITELIC
V58C2128(804/404/164)S
V58C2128(804/404/164)S Rev. 1.6 March 2002
Auto Precharge Operation
The Auto Precharge operation can be issued by having column address A
10 high when a Read or Write
command is issued. If A
10 is low when a Read or Write command is issued, then normal Read or Write burst
operation is executed and the bank remains active at the completion of the burst sequence. When the Auto
Precharge command is activated, the active bank automatically begins to precharge at the earliest possible
moment during the Read or Write cycle once t
RAS(min) is satisfied.
Read with Auto Precharge
If a Read with Auto Precharge command is initiated, the DDR SDRAM will enter the precharge operation
N-clock cycles measured from the last data of the burst read cycle where N is equal to the CAS latency pro-
grammed into the device. Once the autoprecharge operation has begun, the bank cannot be reactivated until
the minimum precharge time (tRP) has been satisfied.
Read with Autoprecharge Timing
(CAS Latency = 2; Burst Length = 4)
T0
T1
T2
T3
T4
T5
T6
T7
T8
D0
D1
D2
D3
Begin Autoprecharge
BA
ACT
R w/AP
NOP
NOP
NOP
NOP
NOP
NOP
CK, CK
Command
DQS
DQ
tRAS(min)
tP(min)
Earliest Bank A reactivate
T9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com