Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V58C2128 Arkusz danych(PDF) 38 Page - Mosel Vitelic, Corp

Numer części V58C2128
Szczegółowy opis  HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSEL [Mosel Vitelic, Corp]
Strona internetowa  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2128 Arkusz danych(HTML) 38 Page - Mosel Vitelic, Corp

Back Button V58C2128 Datasheet HTML 34Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 35Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 36Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 37Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 38Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 39Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 40Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 41Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 42Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
38
V58C2128(804/404/164)S Rev. 1.6 March 2002
MOSEL VITELIC
V58C2128(804/404/164)S
SLEW RATE DERATING VALUES
(Notes: 14; notes appear on pages 50-53) 0°C TA +70°C; VDDQ= +2.5V ±0.2V, VDD = +2.5V ±0.2V)
SLEW RATE DERATING VALUES
(Note: 31; notes appear on pages 50-53) (0°C TA +70°C; VDDQ = +2.5V ±0.2V, VDD = +2.5V ±0.2V)
NOTES:
1. All voltages referenced to VSS.
2. Tests for AC timing, IDD, and electrical AC and DC characteristics may be conducted at nominal
reference/supply voltage levels, but the related specifications and device operation are guaranteed for the
full voltage range specified.
3. Outputs measured with equivalent load:
ADDRESS / COMMAND
SPEED
SLEW RATE
tIS
tIH
UNITS
NOTES
-6, -7, -75
0.500V / ns
1
1
ns
14
-6, -7, -75
0.400V / ns
1.05
1
ns
14
-6, -7, -75
0.300V / ns
1.10
1
ns
14
-6, -7, -75
0.200V / ns
1.15
1
ns
14
-8
0.500V / ns
1.1
1.1
ns
14
-8
0.400V / ns
1.15
1.1
ns
14
-8
0.300V / ns
1.20
1.1
ns
14
-8
0.200V / ns
1.25
1.1
ns
14
Date, DQS, DM
SPEED
SLEW RATE
tDS
tDH
UNITS
NOTES
-7, -75
0.500V / ns
0.50
0.50
ns
31
-7, -75
0.400V / ns
0.55
0.55
ns
31
-7, -75
0.300V / ns
0.60
0.60
ns
31
-7, -75
0.200V / ns
0.65
0.65
ns
31
-8
0.500V / ns
0.60
0.60
ns
31
-8
0.400V / ns
0.65
0.65
ns
31
-8
0.300V / ns
0.70
0.70
ns
31
-8
0.200V / ns
0.75
0.75
ns
31
Output
(VOUT)
VTT
50
Reference
Point
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com