Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68HC901CFN8 Arkusz danych(PDF) 13 Page - STMicroelectronics

Numer części TS68HC901CFN8
Szczegółowy opis  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901CFN8 Arkusz danych(HTML) 13 Page - STMicroelectronics

Back Button TS68HC901CFN8 Datasheet HTML 9Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 10Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 11Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 12Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 13Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 14Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 15Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 16Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
7
INTERRUPT ENABLE REGISTERS
0
IERA
(07h)
GPIP7
GPIP6
TIMER A
RCV
Buffer full
RCV
Error
XMIT
Buffer Empty
XMIT
Error
TIMER B
IERB
(09h)
GPIP5
GPIP4
TIMER C
TIMER D
GPIP3
GPIP2
GPIP1
GPIP0
7
INTERRUPT PENDING REGISTERS
0
IPRA
(0Bh)
GPIP7
GPIP6
TIMER A
RCV
Buffer full
RCV
Error
XMIT
Buffer Empty
XMIT
Error
TIMER B
IPRB
(0Dh)
GPIP5
GPIP4
TIMER C
TIMER D
GPIP3
GPIP2
GPIP1
GPIP0
Wri ti ng0: CLEAR
Wri ti ng 1 : UN CHANGED
7
INTERRUPT IN-SERVICE REGISTERS
0
ISRA
(0Fh)
GPIP7
GPIP6
TIMER A
RCV
Buffer full
RCV
Error
XMIT
Buffer Empty
XMIT
Error
TIMER B
ISRB
(11h)
GPIP5
GPIP4
TIMER C
TIMER D
GPIP3
GPIP2
GPIP1
GPIP0
7
INTERRUPT MASK REGISTERS
0
IMRA
(13h)
GPIP7
GPIP6
TIMER A
RCV
Buffer full
RCV
Error
XMIT
Buffer Empty
XMIT
Error
TIMER B
IMRB
(15h)
GPIP5
GPIP4
TIMER C
TIMER D
GPIP3
GPIP2
GPIP1
GPIP0
Wr iting 0 : MASKE D
Wr iting 1 : UN MASKED
Figure 10 :
®
TS68HC901
13/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com