Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68HC901CFN8 Arkusz danych(PDF) 29 Page - STMicroelectronics

Numer części TS68HC901CFN8
Szczegółowy opis  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901CFN8 Arkusz danych(HTML) 29 Page - STMicroelectronics

Back Button TS68HC901CFN8 Datasheet HTML 25Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 26Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 27Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 28Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 29Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 30Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 31Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 32Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VI
Voltage on Any Pin with Respect to Ground
– 0.3 to + 7
V
VDD
Supply Voltage
– 0.3 to + 7
V
TA
Operating Temperature Range
C suffix
0 to + 70
°C
Tstg
Storage Temperature
– 65 to + 150
°C
S tr esses above those listed under “ Absolute Maxi mum R ati ngs” may cause per manent damage to the device. This is a str ess
r ating only and functional operation of the device at t hese or any other condit ion above those i ndi cated in the operational
sect ions of thi s specifi cation is not implied. Exposure to absolut e maxi mum rating conditi ons f or extended per iods may affect
r eliability.
D.C. CHARACTERISTICS
TA =0°Cto 70°C; VCC =+ 5V ± 5% Unless Otherwise Specified
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VIH
Input High Voltage except XTAL1, XTAL2
2.0
VCC +.3
V
VIH
Input High Voltage XTAL1, XTAL2
VDD-1.5 VCC +.3
V
VIL
Input Low Voltage
– 0.3
0.8
V
VOH
Output High Voltage (except DTACK)
IOH = – 120µA
4.1
V
VOL
Output Low Voltage (except DTACK)
IOL = 2.0mA
0.5
V
ICC
Power Supply Current
Outputs Open
6
mA
ILI
Input Leakage Current
VIN = 0 to VCC
± 10
µA
ILOH
Tri-state Output Leakage Current in Float
VOUT = 2.4 to VCC
10
µA
ILOL
Tri-state Output Leakage Current in Float
VOUT = 0.5V
– 10
µA
IOH
DTACK Output Source Current
VOUT = 2.4
– 400
µA
IOL
DTACK Output Sink Current
VOUT = 0.5
5.3
mA
PD
Power Dissipation
32
mW
A ll voltages are ref erenced to ground.
TS68HC901 ELECTRICAL SPECIFICATIONS
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
θJA
Thermal Resistance (Plastic)
50
°C/W
®
TS68HC901
29/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com