| Zakładka z wyszukiwarką danych komponentów |
|
TS68HC901CFN8 Arkusz danych(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS68HC901CFN8 Arkusz danych(HTML) 15 Page - STMicroelectronics |
|
15 / 42 page ![]() GENERAL PURPOSE INPUT/OUTPUT INTERRUPT PORT The general purpose interrupt input/output (I/O) port (GPIP) provides eight I/O lines (I0 through I7) that may be operated as either inputs or outputs under software control. In addition, these lines may optio- nally generate an interrupt on either a positive trans- ition or negative transition of the input signal. The flexibility of the GPIP allows it to be configured as an 8-Bit I/0 port or for bit I/O. Since interrupts are en- abled on a bit-by-bit basis, a subset of the GPIP could be programmed as handshake lines or the port could be connected to as many as eight exter- nal interrupt sources, which would be prioritized by the CMFP interrupt controller for interrupt service. 6800 INTERRUPT CONTROLLER The CMFP interrupt controller is particularly useful in a system which has many 6800-type devices. Ty- pically, in a vectored 68000 system, 6800-type pe- ripherals use the autovector which corresponds to their assigned interrupt level since they do not pro- vide a vector number in response to an AC cycle. The autovector interrupt handler must then poll all 6800-type devices at that interrupt level to deter- mine which device is requesting service. However, by tying the IRQ output from a 6800-type device to the general purpose I/O interrupt port (GPIP) of a CMFP, a unique vector number will be provided to the processor during an interrupt acknowledge cy- cle. This interrupt structure will significantly reduce interrupt latency for 6800-type devices and other pe- ripheral devices which do not support vector-by-de- vice. GPIP CONTROL REGISTERS The GPIP is programmed via three control registers shown in figure 11. These registers control the data direction provide user access to the port, and specify the active edge for each bit of the GPIP which will produce an interrupt. These registers are described in detail in the following paragraphs. GPIP DATA REGISTER The general purpose I/O data register is used to in- put or output data to the port. When data is written to the GPIP data register, those pins which are de- fined as inputs will remain in the high-impedance state. Pins which are defined as outputs will assume the state (high or low) of their corresponding bit in the data register. When the GPIP is read, data will be passed directly from the bits of the data register for pins which are defined as outputs. Data from pins defined as inputs will come from the input buffers. ACTIVE EDGE REGISTER The active edge register (AER) allows each of the GPIP lines to produce an interrupt on either a one- to-zero or a zero-to-one transition. Writing a zero the appropriate edge bit of the active edge register causes the associated input to generate an interrupt on the one-to-zero transition. Writing a one to the edge bit will produce an interrupt on the zero-to-one transition of the corresponding GPIP line. ® TS68HC901 15/42 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |