Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68HC901CFN8 Arkusz danych(PDF) 24 Page - STMicroelectronics

Numer części TS68HC901CFN8
Szczegółowy opis  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901CFN8 Arkusz danych(HTML) 24 Page - STMicroelectronics

Back Button TS68HC901CFN8 Datasheet HTML 20Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 21Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 22Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 23Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 24Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 25Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 26Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 27Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
the user must determine the synchronous word pa-
rity and write it into synchronous character. The
CMFP will then transmit the extra bit in the synchro-
nous word as a parity bit.
USART CONTROL REGISTER
The USART control register (UCR) selects the clock
mode and the character format for the receive and
transmit sections. This register is shown in Fig-
ure 17.
RECEIVER
As data is received on the serial input line (SI), it is
clocked into an internal 8-bit shift register until the
specified number of data bits have been assembled.
This character will then be transferred to the receive
buffer, assuming that the last word in the receiver
buffer has been read. This transfer produces a buff-
er full interrupt to the processor.
Reading the receive buffer satisfies the buffer full
condition and allows a next data word to be trans-
ferred to the receive buffer when it is assembled.
The receive buffer is accessed by reading the U-
SART data register (UDR). The UDR is simply an 8-
bit data register used when transferring data from
the CMFP and CPU.
Each time a word is transferred to the receive buffer,
its status information is latched into the receiver sta-
tus register (RSR). The RSR is not updated again
until the data word in the receive buffer has been
read. When a buffer full condition exists, the RSR
should always be read before the receive buffer
(UDR) to maintain the correct correspondence be-
tween data and flags. Otherwise, it is possible that
after reading the UDR and prior to reading the RSR,
a new word could be receive and transferred to the
7
USART CONTROL REGISTER
0
UCR
(29h)
CLK
WL1
WL0
ST1
ST0
PE
E/O
WU
CLEARED on RESE T
Wr iting 0 : CLEARED
Wri ting 1 : SET
Figure 17 :
receive buffer. Its associated flags would be latched into the RSR, over-writing the flags of the previous
data word. Then when the RSR were read to access the status information for the first data word, the
flags for the new word would be retrieved.
CLK
Clock Mode. When this bit is zero, data will be clocked into and out of the receiver and trans-
mitter at the frequency of their respective clocks. When this bit is a one, data will be clocked
into and out of the receiver and transmitter at one sixteenth the frequency of their respective
clocks. Also, the receiver data transition resynchronization logic will be enabled.
WL0, WL1 Word Length. These two bits specify the length of the data word exclusive of start bits, stop
bits, and parity.
ST0, ST1 Start/Stop Bit and Format Control. These two bits select the number of start and stop bits
and also specify the character format.
PE
Parity Enable. When this bit is zero, no parity check will be made and no parity bit will be
computed for transmission. When this bit is a one, parity will be checked by the receiver and
parity will be calculated and inserted during data transmission. Note that parity is not auto-
matically appended to the synchronous character for word lengths of less than eight bits. In
this case, the parity should be written into the synchronous character register along with the
synchronous word.
E/0
Even/Odd Parity. When this bit is zero, odd parity is selected. When this bit is a one, even
parity is selected.
WU
Bit 0 Reserved. Must be maintained at 0.
ST1
ST0
Start Bits
Stop Bits
Format
WL1
WL0
Word Length
®
TS68HC901
24/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com