Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68HC901CFN8 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części TS68HC901CFN8
Szczegółowy opis  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901CFN8 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button TS68HC901CFN8 Datasheet HTML 19Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 20Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 21Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 22Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 23Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 24Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 25Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 26Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
put lines TA0 and TB0. These control registers are
shown in Figure 14.
UNIVERSAL SYNCHRONOUS / ASYN-
CHRONOUS RECEIVER-TRANSMITTER
The universal synchronous / asynchronous recei-
ver-transmitter (USART) is a single full-duplex serial
channel with a double-buffered receiver and trans-
mitter. There are separate receive and transmit
clocks and separate receive and transmit status and
data bytes. The receive and transmit sections are al-
so assigned separate interrupt channels. Each sec-
tion has both a normal condition interrupt channel
and an error condition interrupt channel. These
channels can be optionally disabled from interrup-
ting the processor and instead, DMA transfers can
be performed using the receiver ready and transmit-
ter ready external CMFP signals.
CHARACTER PROTOCOLS
The CMFP USART supports asynchronous and
with the aid of a polynomial generator checker
(PGC) supports byte synchronous character for-
mats. These formats are selected independently of
the divide-by-one and divide-by-16 clock modes.
When the divide-by-one clock mode is selected,
synchronization must be accomplished externally.
The receiver will sample the serial data on the rising
edge of the receiver clock. In the divide-by-16 clock
mode, the data is sampled at mid-bit time to in-
crease transient noise rejection.
Also, when the divide-by-16 clock mode is selected,
the USART resynchronization logic is enabled. This
logic increases the channel’s clock skew tolerance.
When a valid transition is detected, an internal coun-
ter is reset to state zero. Transition checking is then
inhibited until state four. Then at state eight, the pre-
vious state of the transition checking logic is clocked
into the receive shift register.
ASYNCHRONOUS FORMAT
Variable word length and start / stop bit configura-
tions are available under software control for asyn-
chronous operation. The word length can be five to
eight bits and one, one and one-half, or two stop bits
can be selected. The user can also select odd, even,
or no parity. For character lengths of less than eight
bits, the assembled character will consist of the re-
quired number of data bits followed by zeros in the
unused bit positions and a parity bit, if parity is en-
abled.
In the asynchronous format, start bit detection is al-
ways enabled. New data is not shifted into the re-
ceive shift register until a zero bit is received. When
the divide-by-16 clock mode is selected, the false
start bit logic is also active. Any transition must be
stable for three positive receive clock edges to be
considered valid. Then a valid zero-to-one transition
must not occur for at least eight additional positive
clock edges.
SYNCHRONOUS FORMAT
When the synchronous character format is selected,
the 8-bit synchronous character loaded into the syn-
chronous character register is compared to received
serial data until a match is found. Once synchroni-
zation is established, incoming data is clocked into
the receiver. The synchronous word will be conti-
nuously transmitted during an underrun condition.
All synchronous characters can be optionally strip-
ped from the receive buffer. Figure 15 shows the
synchronous character register.
The synchronous character is typically written after
the data word length is selected, since unused bits
in the synchronous character register are zeroed
out. When parity is enabled, synchronous word
length is the data word length plus one. The CMFP
will compute and append the parity bit for the syn-
chronous word when a word length of eight is selec-
ted. However, if the word length is less than eight,
7
USART DATA REGISTER
0
UDR
(2Fh)
D7
D6
D5
D4
D3
D2
D1
D0
7
SYNCHRONOUS CHARACTER REGISTER
0
SCR
(27h)
D7
D6
D5
D4
D3
D2
D1
D0
Figure 16 :
®
TS68HC901
23/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com