Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68HC901CFN8 Arkusz danych(PDF) 28 Page - STMicroelectronics

Numer części TS68HC901CFN8
Szczegółowy opis  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901CFN8 Arkusz danych(HTML) 28 Page - STMicroelectronics

Back Button TS68HC901CFN8 Datasheet HTML 24Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 25Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 26Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 27Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 28Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 29Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 30Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 31Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
7
0
TSR
(2Dh)
BE
UE
AT
END
B
H
L
TE
Figure 19 :
USART error conditions are only valid for each character boundary. When the USART performs block
data transfers by using the DMA handshake line RR (receiver ready) and TR (transmitter ready), errors
must be saved and checked at the end of a block. This is accomplished by enabling the error channel
for the receiver or transmitter and by masking interrupts for this channel. Once the transfer is complete,
interrupt pending register A is read. Any pending receiver or transmitter error indicates an error in the
data transfer.
BE
Buffer Empty. This bit is set when the word in the transmit buffer is transferred to the transmit
shift register. This bit is cleared when the transmit buffer is reloaded by writing to the USART
data register (UDR).
SET : Transmit buffer contents transferred to transmit shift register
CLEARED : Transmit buffer written
UE
Underrun Error. This bit is set when the word in the transmit shift register has been transmitted
before a new word is loaded into the transmit buffer. This bit is cleared by reading the TSR
or by disabling the transmitter. This bit does not need to be cleared before writing to the UDR.
SET : Transmit shift register contents transmitted before transmit buffer written
CLEARED : Transmitter status register read or Transmitter disabled
AT
Auto-Turnaround. When this bit is set, the receiver will be enabled automatically after the
transmitter has been disabled and the last character being transmitted is completed.
SET : MPU writes a one
CLEARED : Transmitter disabled
END
End of Transmission. When the transmitter is disabled while a character is being transmitted,
the END will be set after the character transmission is complete. If no word is being transmitted
when the transmitter is disabled, the END bit will be set immediately. The END bit is cleared
by reenabling the transmitter.
SET : Transmitter disabled
CLEARED : Transmitter enabled
B
Break. This bit has no function in the
synchronous character format. In the
asynchronous character format, when
this bit is set to a one, a break will be
transmitted upon the completion of the
transmission of any word in the trans-
mit shift register. A break consists of an all zero data word with no stop bit. When this bit is
cleared by software, the break indication will cease and normal transmission will resume. Note
that when B is set, BE cannot be set.
SET : MPU writes a one
CLEARED : MPU writes a zero
H, L
High and Low. These control bits configure the transmitter output (SO) when the transmitter
is disabled. These bits also force the transmitter output after the transmitter is enabled until
END is cleared.
Loopback mode internally connects the transmitter output to the receiver input and the trans-
mitter clock to the receiver clock internally. The receiver clock (RC) and the serial input (SI)
are not used. When the transmitter is disabled, SO is forced high.
SET : MPU writes a one
H
L
Output
0
0
1
1
0
1
0
1
High Impedance
LOW
High
Loopback Mode
®
TS68HC901
28/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com