Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1005 Arkusz danych(PDF) 4 Page - Touchstone Semiconductor Inc

Numer części TS1005
Szczegółowy opis  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005 Arkusz danych(HTML) 4 Page - Touchstone Semiconductor Inc

  TS1005 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS1005
TS1005DS r1p0
Page 4
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
SUPPLY VOLTAGE - Volt
Supply Current vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
Supply Current vs Input Common-Mode Voltage
Input Offset Voltage vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
Input Offset Voltage vs Supply Voltage
INPUT COMMON-MODE VOLTAGE - Volt
SUPPLY VOLTAGE - Volt
VDD =1.8V
TA = +25°C
Input Offset Voltage vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
VDD = 5.5V
TA = +25°C
+25°C
+85°C
-40°C
1.1
1.2
1.3
1.4
1.5
TA = +25°C
1.5
1.3
1.1
1.0
0
0.6
1.8
TA = +25°C
1.5
1.4
1.2
1.0
0
1.1
3.3
4.4
5.5
TA = +25°C
0.8
3.1
4.7
5.5
1.6
VINCM = VDD
2.5
1.25
-2.5
VINCM = 0V
0
1.2
1.8
0.7
0.35
0
-0.35
0.9
0.45
-0.9
-0.45
0
3.3
4.4
5.5
2.2
2.4
3.9
0.8
5.5
1.6
3.1
4.7
1.2
1.4
1.2
1.3
1.1
2.2
0
1.25
2.4
3.9
0.6
-0.7
1.1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com