Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1005 Arkusz danych(PDF) 9 Page - Touchstone Semiconductor Inc

Numer części TS1005
Szczegółowy opis  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005 Arkusz danych(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS1005 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS1005
TS1005DS r1p0
Page 9
RTFDS
The two resistors labeled R1 should be closely
matched to each other as well as both resistors
labeled R2 to ensure acceptable common-mode
rejection performance.
Resistor networks ensure the closest matching as
well as matched drifts for good temperature stability.
Capacitor C1 is included to limit the bandwidth and,
therefore, the noise in sensitive applications. The
value of this capacitor should be adjusted depending
on the desired closed-loop bandwidth of the
instrumentation amplifier. The RC combination
creates a pole at a frequency equal to 1/(2π×R1C1).
If the AC-CMRR is critical, then a matched capacitor
to C1 should be included across the second resistor
labeled R1.
Because the TS1005 accepts rail-to-rail inputs, the
input common mode range includes both ground
and the positive supply of 1.5V. Furthermore, the
rail-to-rail output range ensures the widest signal
range possible and maximizes the dynamic range of
the system. Also, with its low supply current of
1.3μA, this circuit consumes a quiescent current of
only ~2.7μA, yet it still exhibits a 2-kHz bandwidth at
a circuit gain of 2.
Driving Capacitive Loads
While the TS1005’s internal gain-bandwidth product
is 20kHz, it is capable of driving capacitive loads up
to 50pF in voltage follower configurations without
any additional components. In many applications,
however, an operational amplifier is required to drive
much larger capacitive loads. The amplifier’s output
impedance and a large capacitive load create
additional phase lag that further reduces the
amplifier’s phase margin. If enough phase delay is
introduced, the amplifier’s phase margin is reduced.
The effect is quite evident when the transient
response is observed as there will appear noticeable
peaking/ringing in the output transient response.
If the TS1005 is used in an application that requires
driving larger capacitive loads, an isolation resistor
between the output and the capacitive load should
be used as illustrated in Figure 5.
Table 1 illustrates a range of RISO values as a
function of the external CLOAD on the output of the
TS1005. The power supply voltage used on the
TS1005 at which these resistor values were
determined empirically was 1.8V. The oscilloscope
capture shown in Figure 6 illustrates a typical
transient response obtained with a CLOAD = 100pF
and an RISO = 120kΩ. Note that as CLOAD is
increased a smaller RISO is needed for optimal
transient response.
In the event that an external RLOAD in parallel with
CLOAD appears in the application, the use of an RISO
results in gain accuracy loss because the external
series RISO forms a voltage-divider with the external
load resistor RLOAD.
External Capacitive
Load, CLOAD
External Output
Isolation Resistor, RISO
0-50pF
Not Required
100pF
120kΩ
500pF
50kΩ
1nF
33kΩ
5nF
18kΩ
10nF
13kΩ
Figure 5: Using an External Resistor to Isolate a CLOAD from
the TS1005’s Output
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com