Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1005 Arkusz danych(PDF) 1 Page - Touchstone Semiconductor Inc

Numer części TS1005
Szczegółowy opis  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005 Arkusz danych(HTML) 1 Page - Touchstone Semiconductor Inc

  TS1005 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS1005
TS1005DS r1p0
Page 1
RTFDS
FEATURES
Single 0.8V to 5.5V Operation
Supply current: 1.3μA (typ)
Input Bias Current: 2pA (typ)
Low TCVOS: 9µV/°C (typ)
AVOL Driving 100kΩ Load: 90dB (min)
Gain-Bandwidth Product: 20kHz
Unity Gain Stable
Rail-to-rail Input and Output
No Output Phase Reversal
5-pin SC70 Package
APPLICATIONS
Battery/Solar-Powered Instrumentation
Portable Gas Monitors
Low-voltage Signal Processing
Micropower Active Filters
Wireless Remote Sensors
Battery-powered Industrial Sensors
Active RFID Readers
Powerline or Battery Current Sensing
Handheld/Portable POS Terminals
DESCRIPTION
The TS1005 is a 1.3µA supply current, precision
CMOS operational amplifier designed to operate over
a supply voltage range from 0.8V to 5.5V with a
GBWP of 20kHz. Fully specified at 1.8V, the TS1005
is optimized for ultra-long-life battery-powered
applications. The TS1005 is Touchstone’s fifth
operational amplifier in the “NanoWatt Analog™”
high-performance analog integrated circuits portfolio.
The TS1005 exhibits a typical input bias current of
2pA, and rail-to-rail input and output stages. The
TS1005 can operate from single-supply voltages from
0.8V to 5.5V.
The TS1005’s combined features make it an excellent
choice in applications where very low supply current
and low operating supply voltage translate into very
long equipment operating time. Applications include:
micropower active filters, wireless remote sensors,
battery and powerline current sensors, portable gas
monitors, and handheld/portable POS terminals.
The TS1005 is fully specified over the industrial
temperature range (−40°C to +85°C) and is available
in a PCB-space saving 5-lead package.
TYPICAL APPLICATION CIRCUIT
A MicroWatt 2-Pole Sallen Key Low Pass Filter
Patent(s) Pending
NanoWatt Analog and the Touchstone Semiconductor logo are registered
trademarks of Touchstone Semiconductor, Incorporated.
15%
1.15
1.2
1.25
1.3
1.35
20%
30%
25%
10%
5%
0%
Supply Current Distribution
Supply Current - µA
VDD = 1.8V
A 0.8V TO 5.5V, 1.3µA, 20kHz RAIL-TO-RAIL SINGLE OP AMP


Podobny numer części - TS1005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1005DB TOUCHSTONE-TS1005DB Datasheet
381Kb / 5P
TS1005 Op Amp Demo Board
TS1005DB-SOT TOUCHSTONE-TS1005DB-SOT Datasheet
381Kb / 5P
TS1005 Op Amp Demo Board
logo
Silicon Laboratories
TS1005IG5 SILABS-TS1005IG5 Datasheet
1Mb / 13P
RAIL-TO-RAIL SINGLE OP AMP
TS1005IG5T SILABS-TS1005IG5T Datasheet
1Mb / 13P
RAIL-TO-RAIL SINGLE OP AMP
More results

Podobny opis - TS1005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
Rail to Rail Single OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
RAIL-TO-RAIL SINGLE OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
Rail to Rail Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com