Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1005 Arkusz danych(PDF) 6 Page - Touchstone Semiconductor Inc

Numer części TS1005
Szczegółowy opis  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005 Arkusz danych(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TS1005 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS1005
Page 6
TS1005DS r1p0
RTFDS
0.1Hz to 10Hz Output Voltage Noise
TYPICAL PERFORMANCE CHARACTERISTICS
Output Short Circuit Current, ISC+ vs Temperature
Output Short Circuit Current, ISC- vs Temperature
Large-Signal Transient Response
VDD = 5.5V, VSS = GND, RLOAD = 100kΩ, CLOAD = 15pF
200µs/DIV
Small-Signal Transient Response
VDD = 5.5V, VSS = GND, RLOAD = 100kΩ, CLOAD = 15pF
2ms/DIV
TEMPERATURE - °C
TEMPERATURE - °C
-40
+25
+85
-40
+25
+85
VDD = 1.8V
VDD = 5.5V
VDD = 1.8V
VDD = 5.5V
VOUT = 0V
VOUT = VDD
10
4
5.5
7
8.5
14.5
10
19
28
1 Second/DIV
100µVPP
23.5
Gain and Phase vs. Frequency
FREQUENCY - Hz
10
1k
10k
100
40
-10
0
20
60
83
49
65
100
100k
PHASE
GAIN
20kHz
70°
10
30
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com