Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002NB-55JEB Arkusz danych(PDF) 19 Page - Advanced Micro Devices

Numer części AM29F002NB-55JEB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002NB-55JEB Arkusz danych(HTML) 19 Page - Advanced Micro Devices

Back Button AM29F002NB-55JEB Datasheet HTML 15Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 16Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 17Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 18Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 19Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 20Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 21Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 22Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Am29F002/Am29F002N
19
PR ELIMIN A R Y
Table 6.
Write Operation Status
Notes:
1. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
2. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits.
See “DQ5: Exceeded Timing Limits” for more information.
Operation
DQ7
(Note 1)
DQ6
DQ5
(Note 2)
DQ3
DQ2
(Note 1)
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase
Suspend
Mode
Reading within Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
Reading within Non-Erase
Suspended Sector
Data
Data
Data
Data
Data
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com