Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002NB-55JEB Arkusz danych(PDF) 25 Page - Advanced Micro Devices

Numer części AM29F002NB-55JEB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002NB-55JEB Arkusz danych(HTML) 25 Page - Advanced Micro Devices

Back Button AM29F002NB-55JEB Datasheet HTML 21Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 22Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 23Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 24Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 25Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 26Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 27Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 28Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25
Am29F002/Am29F002N
PREL I M I N AR Y
AC CHARACTERISTICS
Hardware Reset (RESET#)
Note: Not 100% tested. RESET# is not available on Am29F002N.
Parameter
Description
All Speed Options
JEDEC
Std
Test Setup
Unit
tREADY
RESET# Pin Low (During Embedded
Algorithms) to Read or Write (See Note)
Max
20
µs
tREADY
RESET# Pin Low (NOT During Embedded
Algorithms) to Read or Write (See Note)
Max
500
ns
tRP
RESET# Pulse Width
Min
500
ns
tRH
RESET# High Time Before Read (See Note)
Min
50
ns
RESET#
n/a Am29F002N
tRP
tReady
Reset Timings NOT during Embedded Algorithms
CE#, OE#
tRH
Reset Timings during Embedded Algorithms
RESET#
n/a Am29F002N
tRP
20818C-13
Figure 10.
RESET# Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com