Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002NB-55JEB Arkusz danych(PDF) 15 Page - Advanced Micro Devices

Numer części AM29F002NB-55JEB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002NB-55JEB Arkusz danych(HTML) 15 Page - Advanced Micro Devices

Back Button AM29F002NB-55JEB Datasheet HTML 11Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 12Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 13Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 14Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 15Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 16Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 17Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 18Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Am29F002/Am29F002N
15
PR ELIMIN A R Y
Table 5.
Am29F002/Am29F002N Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses latch on the falling edge of the WE# or CE# pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on the
rising edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A17–A13 uniquely select any sector.
Notes:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all bus cycles
are write operations.
4. Address bits A17–A12 are don’t cares for unlock and
command cycles, except when PA or SA is required.
5. No unlock or command cycles required when reading array
data.
6. The Reset command is required to return to reading array
data when device is in the autoselect mode, or if DQ5 goes
high (while the device is providing status data).
7. The fourth cycle of the autoselect command sequence is a
read cycle.
8. The data is 00h for an unprotected sector and 01h for a
protected sector. See “Autoselect Command Sequence” for
more information.
9. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend
mode. The Erase Suspend command is valid only during a
sector erase operation.
10. The Erase Resume command is valid only during the Erase
Suspend mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data Addr
Data
Addr Data
Addr
Data
Read (Note 5)
1
RA
RD
Reset (Note 6)
1
XXX
F0
Auto-
select
(Note 7)
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
01
Device ID,
Top Boot Block
4
555
AA
2AA
55
555
90
X01
B0
Device ID,
Bottom Boot Block
4
555
AA
2AA
55
555
90
X01
34
Sector Protect Verify
(Note 8)
4
555
AA
2AA
55
555
90
(SA)
X02
00
01
Program
4
555
AA
2AA
55
555
A0
PA
PD
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend (Note 9)
1
XXX
B0
Erase Resume (Note 10)
1
XXX
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com