Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002NB-55JEB Arkusz danych(PDF) 37 Page - Advanced Micro Devices

Numer części AM29F002NB-55JEB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002NB-55JEB Arkusz danych(HTML) 37 Page - Advanced Micro Devices

Back Button AM29F002NB-55JEB Datasheet HTML 29Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 30Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 31Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 32Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 33Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 34Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 35Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 36Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
37
Am29F002/Am29F002N
PREL I M I N AR Y
REVISION SUMMARY FOR AM29F002/AM29F002N
Revision C
Global
Made formatting and layout consistent with other data
sheets. Used updated common tables and diagrams.
Combined Am29F002 and Am29F002N into a single
data sheet.
Revision C+1
Figure 17, Alternate CE# Controlled Write
Operations Timings
Removed the RY/BY# waverform and tBUSY parameter.
The RY/BY# pin is not available on this device.
Revision C+2
Block Diagram
Corrected diagram by adding paths from the timer to
the PGM and Erase Voltage Generators.
Table 3, Bottom Boot Block Sector Addresses
Corrected adddress bit A15 for sector SA2 to “0.”
Table 5, Command Definitions
Deleted the lower row of addresses in the Sector Pro-
tect Verify command definitions.
In the legend, corrected the definition for SA to indicate
that address bits A17–A13 uniquely select a sector.
Deleted Note 4.
DC Characteristics
Added Note 4 reference to ILIT. Corrected maximum
currents for ICC1 and ICC2, typical currents for ICC3 and
ICC4, test conditions for ICC4 and VOL.
In TTL/NMOS table, deleted Note 5.
In CMOS table, corrected IOH current for VOH.
AC Characteristics
Read Operations: Corrected tDF specifications for -55
speed option.
Erase/Program Operations: Corrected the notes refer-
ence for tWHWH1 and tWHWH2. These parameters are
100% tested. Corrected the note reference for tVCS.
This parameter is not 100% tested. Removed -150
specifications. Corrected tDS and tWP for -55 speed op-
tion, tAH for -90 speed option.
Alternate CE# Controlled Erase/Program Operations:
Corrected the notes reference for tWHWH1 and tWHWH2.
These parameters are 100% tested. This parameter is
not 100% tested. Removed -150 specifications. Cor-
rected tDS and tCP for -55 speed option.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com