Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002NB-55JEB Arkusz danych(PDF) 1 Page - Advanced Micro Devices

Numer części AM29F002NB-55JEB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002NB-55JEB Arkusz danych(HTML) 1 Page - Advanced Micro Devices

  AM29F002NB-55JEB Datasheet HTML 1Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 2Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 3Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 4Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 5Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 6Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 7Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 8Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
PRELIMINARY
Publication# 20818
Rev: C Amendment/+2
Issue Date: March 1998
Am29F002/Am29F002N
2 Megabit (256 K x 8-Bit)
CMOS 5.0 Volt-only Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single power supply operation
— 5.0 Volt-only operation for read, erase, and
program operations
— Minimizes system level requirements
s High performance
— Access times as fast as 55 ns
s Low power consumption (typical values at 5
MHz)
— 1 µA standby mode current
— 20 mA read current
— 30 mA program/erase current
s Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
three 64 Kbyte sectors
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to
prevent any program or erase operations within
that sector
Sectors can be locked via programming
equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
s Top or bottom boot block configurations
available
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
s Minimum 100,000 write cycle guarantee per
sector
s Package option
— 32-pin PDIP
— 32-pin TSOP
— 32-pin PLCC
s Compatibility with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
s Data# Polling and toggle bits
— Provides a software method of detecting
program or erase operation completion
s Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
s Hardware reset pin (RESET#)
— Hardware method to reset the device to reading
array data (not available on Am29F002N)


Podobny numer części - AM29F002NB-55JEB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29F002NB AMD-AM29F002NB Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002NBB-120 AMD-AM29F002NBB-120 Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002NBB-55 AMD-AM29F002NBB-55 Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002NBB-55EC AMD-AM29F002NBB-55EC Datasheet
796Kb / 42P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002NBB-55ED AMD-AM29F002NBB-55ED Datasheet
796Kb / 42P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Podobny opis - AM29F002NB-55JEB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29F002B AMD-AM29F002B Datasheet
792Kb / 40P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F002B AMD-AM29F002B_06 Datasheet
796Kb / 42P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com