Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002NB-55JEB Arkusz danych(PDF) 6 Page - Advanced Micro Devices

Numer części AM29F002NB-55JEB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002NB-55JEB Arkusz danych(HTML) 6 Page - Advanced Micro Devices

Back Button AM29F002NB-55JEB Datasheet HTML 2Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 3Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 4Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 5Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 6Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 7Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 8Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 9Page - Advanced Micro Devices AM29F002NB-55JEB Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
Am29F002/Am29F002N
PREL I M I N AR Y
ORDERING INFORMATION
Standard Product
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am29F002/Am29F002N
2 Megabit (256 K x 8-Bit) CMOS Flash Memory
5.0 Volt-only Program and Erase
Am29F002
-70
P
C
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-In
Contact an AMD representative for more information.
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
E= Extended (–55
°C to +125°C)
PACKAGE TYPE
P = 32-Pin Plastic DIP (PD 032)
J = 32-Pin Rectangular Plastic Leaded Chip
Carrier (PL 032)
E = 32-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 032)
SPEED OPTION
See Product Selector Guide and
Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T = Top sector
B = Bottom sector
B
T
Valid Combinations
Am29F002T-55
Am29F002B-55
Am29F002NT-55
Am29F002NB-55
PC, JC, JI, EC, EI
Am29F002T-70
Am29F002B-70
Am29F002NT-70
Am29F002NB-70
PC, PI, JC, JI, EC, EI
Am29F002T-90
Am29F002B-90
Am29F002NT-90
Am29F002NB-90
PC, PI, PE,
JC, JI, JE,
EC, EI, EE
Am29F002T-120
Am29F002B-120
Am29F002NT-120
Am29F002NB-120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com