Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 150 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 150 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 146Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 147Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 148Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 149Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 150Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 151Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 152Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 153Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 154Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 184 page
background image
15 Appendix E: SX Data Sheet
Page 150
• SX-Key/Blitz Development System Manual 2.0 • Parallax, Inc.
Table 29 - SX Pins
Name
Type
Input Levels
Description
RA0 – RA7*
I/O
TTL/CMOS
Bi-directional I/O Pin, Complimentary Drive
RB0 - RB2
I/O
TTL/CMOS/ST Bi-directional I/O Pin; MIWU mode; Comparator output,
- input, + input
RB3 - RB7
I/O
TTL/CMOS/ST Bi-directional I/O Pin; MIWU mode; (SX48/52 RB4 – RB7: T1 capture
input 1, 2, PWM/compare out, ext. clock source)
RC0 - RC7*
I/O
TTL/CMOS/ST Bi-directional I/O Pin (SX48/52 RC0 – RC3: T2 capture input 1, 2,
PWM/compare out, external clock source)
RD0 – RE7*
I/O
TTL/CMOS/ST Bi-directional I/O Pin
RTCC
I
ST
Input to Real Time Clock/Counter
MCLR
I
ST
Master Clear (reset) input (active low).
OSC1
I
ST
Oscillator crystal input - external clock input.
OSC2
I/O
CMOS
Weakly pulled to Vdd internally on RC mode.
Vdd
P
-
Positive supply for logic and I/O pins.
Vss
P
-
Ground Reference for logic and I/O pins.
* RA4 – RA7 is only available on the SX52, RD0 – RE7 are only available on the SX48/52,
RC0 – RC7 is not available on the SX18/20
15.2 Architecture
The Ubicom SX chip offers 2K x 12 internal EE/Flash program memory (4K x 12 in the SX48/52) and up
to 137 bytes of general purpose RAM memory (262 bytes in the SX48/52). The EE/Flash memory is
organized in 512-word pages. The RAM memory is addressable directly or indirectly (as well as semi-
directly in the SX48/52). All special function registers are mapped into the data memory. Configuration
registers do not appear in data memory and are only accessible through the use of the MODE register
and the port configuration commands.
The ALU is 8-bits wide and is capable of arithmetic and Boolean operations. The ‘W’ register is the
working register for the ALU. Typically, it holds one operand in a two-operand instruction. Depending
on the instruction executed, the ALU may affect the values of the Carry (C), Zero (Z), and Digit Carry
(DC) flags of the STATUS register.
The SX chip comes equipped with special features that reduce system cost and power requirements.
The Power-On Reset (POR) and Device Reset Timer eliminate the need for external reset circuitry. The
power saving SLEEP mode, watchdog timer, and code protect features reduce system cost and improve
system integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com