Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 170 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 170 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 166Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 167Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 168Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 169Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 170Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 171Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 172Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 173Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 174Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 184 page
background image
15 Appendix E: SX Data Sheet
Page 170
• SX-Key/Blitz Development System Manual 2.0 • Parallax, Inc.
15.3.2.8
CMP_B – Comparator Enable Register
EN
-
Comparator Enable, 0 = enabled, 1 = disabled
OE
-
Comparator Output Enable, 0 = enabled, 1 = disabled
Rsvd
-
Reserved for future use
RES
-
Comparator Result (EN must = 0)
15.3.3 Port C Registers
There are four registers used to configure the I/O pins of Port C. The TRIS_C register configures the
data direction of the Port C pins as input or output. The LVL_C register configures the input pins as
TTL or CMOS voltage level. The PLP_C register enables/disables pull up resistors on Port C input pins.
The ST_C register enables/disables the Schmitt-Trigger inputs on Port C input pins. To access these
registers you must first write a particular value to the MODE register. Please refer to
Table 32 – SX20/28
Mode Register
to find the values required in the MODE register to access the Port C Registers. Note: All
the bits in the following registers are set to ‘1’ on power up.
15.3.3.1
TRIS_C – Data Direction Register
A bit set to ‘1’ in this register sets the corresponding I/O port pin to input (high z) mode.
A bit set to ‘0’ in this register sets the corresponding I/O port pin to output mode.
15.3.3.2
LVL_C - TTL/CMOS Select Register
A bit set to ‘1’ in this register sets the input level of the corresponding port pin to TTL.
A bit set to ‘0’ in this register sets the input level of the corresponding port pin to CMOS.
7
6
5
4
3
2
1
0
EN
OE Rsvd Rsvd Rsvd Rsvd Rsvd RES
CMP_B
7
6
5
4
3
2
1
0
RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0
TRIS_C
7
6
5
4
3
2
1
0
RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0
LVL_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com