Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 174 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 174 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 170Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 171Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 172Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 173Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 174Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 175Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 176Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 177Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 178Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 184 page
background image
15 Appendix E: SX Data Sheet
Page 174
• SX-Key/Blitz Development System Manual 2.0 • Parallax, Inc.
15.4.3 Option
The OPTION register is a run-time writable register used to configure the RTCC and the Watchdog
Timer. The size of this register is affected by the OPTIONX device setting.
When OPTION Extend = 0, bits 7 and 6 are implemented.
When OPTION Extend = 1, bits 7 and 6 read as ‘1’s.
RTW - If = 0, register $01 is W
If = 1, register $01 is RTCC
RTI
- If = 0, RTCC roll-over interrupt is enabled
If = 1, RTCC roll-over interrupt is disabled
RTS - If = 0, RTCC increments on internal instruction cycle
If = 1, RTCC increments on transition of RTCC pin
RTE - If = 0, RTCC increments on low-to-high transition
If = 1, RTCC increments on high-to-low transition
PSA - If = 0, prescaler is assigned to RTCC, divide rate determined by PS0-PS2 bits
If = 1, prescaler is assigned to WDT, and divide rate on RTCC is 1:1
Figure 36 - Prescaler Division Ratios
PS2, PS1, PS0
RTCC
Divide Rate
Watchdog Timer
Divide Rate
000
1:2
1:1
001
1:4
1:2
010
1:8
1:4
011
1:16
1:8
100
1:32
1:16
101
1:64
1:32
110
1:128
1:64
111
1:256
1:128
15.4.4 Fuse Registers
The Fuse registers are accessible only at program time. The SX-Key Development System Software
provides a convenient interface that is easy to use to customize the SX. You may use the predefined
7
6
5
4
3
2
1
0
RTW RTI
RTS RTE PSA PS2 PS1 PS0
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com