Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 177 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 177 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 173Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 174Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 175Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 176Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 177Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 178Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 179Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 180Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 181Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 184 page
background image
15 Appendix E: SX Data Sheet
SX-Key/Blitz Development System Manual 2.0
• Parallax, Inc. • Page 177
Table 34 – External Component Selection for Crystals (Vdd = 5V)
OSC Setting
Crystal Frequency
C1
C2
Rp
OSCXT1
4 MHz
15 pF
22 pF
1 M
OSCXT2
8 MHz
56 pF
33 pF
1 M
OSCXT2
20 MHz
33 pF
22 pF
1 M
OSCXT2
32 MHz
15 pF
22 pF
1 M
OSCHS1
50 MHz
15 pF
15 pF
1 M
Figure 38 - SX with External Ceramic Resonator
Table 35 - Component Selection for Murata Ceramic Resonators (Vdd = 5.0 V)
OSC Setting Frequency Resonator Part Number
C1
C2
Rp
OSCXT2
4 MHz
CSA4.00MG
30 pF
30 pF
1 M
OSCXT2
4 MHz
CST4.00MGW
30 pF *
30 pF *
1 M
OSCXT2
4 MHz
CSTCC4.00G0H6
47 pF *
47 pF *
1 M
OSCXT2
8 MHz
CSA8.00MTZ
30 pF
30 pF
1 M
OSCXT2
8 MHz
CST8.00MTW
30 pF *
30 pF *
1 M
OSCXT2
8 MHz
CSTCC8.00MG0H6
47 pF *
47 pF *
1 M
OSCXT2
20 MHz
CSA20.00MXZ040
5 pF
5 pF
1 M
OSCXT2
20 MHz
CST20.00MXW0H1
5 pF *
5 pF *
1 M
OSCXT2
20 MHz
CSACV20.00MXJ040
5 pF
5 pF
22 k
OSCXT2
20 MHz
CSTCV20.00MXJ0H1
5 pF *
5 pF *
22 k
OSCHS1
33 MHz
CSA33.00MXJ040
5 pF
5 pF
1 M
OSCHS1
33 MHz
CST33.00MXW040
5 pF *
5 pF *
1 M
OSCHS1
33 MHz
CSACV33.00MXJ040
5 pF
5 pF
1 M
OSCHS1
33 MHz
CSTCV33.00MXJ040
5 pF *
5 pF *
1 M
OSCHS2
50 MHz
CSA50.00MXZ040
15 pF
15 pF
10 k
OSCHS2
50 MHz
CST50.00MXW0H3
15 pF *
15 pF *
10 k
OSCHS2
50 MHz
CSACV50.00MXJ040
15 pF
15 pF
10 k
OSCHS2
50 MHz
CSTCV50.00MXJ0H3
15 pF *
15 pF *
10 k
* Capacitors built in to resonator
Note:
Rs is zero for all configurations.
Xtal
OSC1
SX
OSC2
Rp
Rs
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com