| Zakładka z wyszukiwarką danych komponentów |
|
ADV7341 Arkusz danych(PDF) 88 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7341 Arkusz danych(HTML) 88 Page - Analog Devices |
|
88 / 108 page ![]() ADV7340/ADV7341 Data Sheet Rev. C | Page 88 of 108 Mode 3—Master/Slave Option (Subaddress 0x8A = X X X X X 1 1 0 or X X X X X 1 1 1) In this mode, the ADV7340/ADV7341 accept or generate horizontal sync and odd/even field signals. When HSYNC is high, a transition of the field input indicates a new frame, that is, vertical retrace. The ADV7340/ADV7341 automatically blank all normally blank lines as required by the CCIR-624 standard. HSYNC and VSYNC are output in master mode and input in slave mode on the S_VSYNC and S_VSYNC pins, respectively. Figure 110. SD Timing Mode 3, NTSC Figure 111. SD Timing Mode 3, PAL 260 261 262 263 264 265 266 267 268 269 270 271 272 273 274 283 284 285 ODD FIELD EVEN FIELD DISPLAY DISPLAY VERTICAL BLANK 522 523 524 525 9 10 11 20 21 22 DISPLAY DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD HSYNC FIELD HSYNC FIELD 8 7 6 5 4 3 2 1 622 623 624 625 5 6 21 22 23 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD FIELD DISPLAY 309 310 311 312 313 314 315 316 317 318 319 334 335 336 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD FIELD DISPLAY 320 4 3 2 1 7 HSYNC HSYNC |