Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY73208-11 Arkusz danych(PDF) 14 Page - Skyworks Solutions Inc.

Numer części SKY73208-11
Szczegółowy opis  350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73208-11 Arkusz danych(HTML) 14 Page - Skyworks Solutions Inc.

Back Button SKY73208-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 14Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 15Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 16Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 17Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DATA SHEET • SKY73208-11: MIXER WITH PLL AND VCO
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
14
November 5, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201317F
S2106
Stencil Aperture
Top View
Metallization
Top View
Solder Mask Opening
Top View
6.3
6.3
36X 0.25
9X 0.875
6.3
6.3
6.4
6.4
36X 0.35
2X 1.4375
2X 1.4375
0.125 Typ.
0.5 Pitch
Pin 36
Pin 1
Pin 1 Indicator
0.2 X 0.2
9X 0.875
36X 0.75
0.6 Pitch
Stencil aperture size of 80% to
100% of the module/package
solder mask openings.
Opening size of 60% to
100% of exposed center
opening shown.
Component Outline
Exposed Center Pad
All measurements are in millimeters
34X 0.75
0.5 Pitch
Pin 36
Pin 1 Indicator
0.2 X 0.2
Pin 1
Pin 36
Pin 1
Component Outline
Component Outline
0.5 Pitch
36X 0.85
34X 0.25
0.6 Pitch
0.25 Typ.
Thermal via array ø0.3 mm on
0.6 mm pitch will improve
thermal performance.
NOTE: thermal vias should be resin-
filled and capped according to
IPC-4761 Type VII vias. 30-35
μm
Cu thickness recommended.
Figure 11. SKY73208-11 PCB Layout Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com