Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY73208-11 Arkusz danych(PDF) 15 Page - Skyworks Solutions Inc.

Numer części SKY73208-11
Szczegółowy opis  350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73208-11 Arkusz danych(HTML) 15 Page - Skyworks Solutions Inc.

Back Button SKY73208-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 14Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 15Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 16Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 17Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DATA SHEET • SKY73208-11: MIXER WITH PLL AND VCO
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201317F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 5, 2015
15
Pin 1
Top View
Side View
Bottom View
Detail A
Pad Scale: 2X
9X This rotation
9X Rotated 180°
9X Rotated 90° CW
9X Rotated 90° CCW
Detail C
SMT Pad
Scale: 2X
Detail B
SMT Pad
Scale: 2X
8X
A
Metal Pad
Edge
1.35 ± 0.1
0.5 ± 0.1
(0.1)
0.4 ± 0.05
0.25 ± 0.05
All dimensions are in millimeters
Dimensioning and tolerancing according
to ASME Y14.5M-1994
S2033a
5X R0.05 Max
4X R0.05 Max
B
6
A
6
C
0.1
0.15 A B C
4X 0.5
4X 2
10X 1
0
4X 1.5
0.875
0.2 x 0.2
Solder Mask Opening
See Detail B
36X SMT Pad
Pin 1
Pin 36
A B C
0.2
See Detail C
0.875
0.875
0.875
0.1
A B C
M
Figure 12. SKY73208-11 Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com