Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKY73208-11 Arkusz danych(PDF) 16 Page - Skyworks Solutions Inc.

Numer części SKY73208-11
Szczegółowy opis  350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73208-11 Arkusz danych(HTML) 16 Page - Skyworks Solutions Inc.

Back Button SKY73208-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 14Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 15Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 16Page - Skyworks Solutions Inc. SKY73208-11 Datasheet HTML 17Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DATA SHEET • SKY73208-11: MIXER WITH PLL AND VCO
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
16
November 5, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201317F
Pin 1
6.45 ± 0.10 (Ao)
8.00 ± 0.10
1.75 ± 0.10
0.30 ±0.05 (T)
1.70 ± 0.10 (Ko)
4.00 ± 0.10
Notes:
1. Carrier tape must meet all requirements of Skyworks GP01-D233
procurement spec for tape and reel shipping.
2. Carrier tape: black conductive polycarbonate or polystyrene.
3. Cover tape material: transparent antistatic polyester film.
4. ESD-surface resistivity shall be ≤ 1 x 106
Ω/square per EIA,
JEDEC TNR Specification.
5. All dimensions are in millimeters.
Section B
Y2565
Section A
8° Max
7° Max
Ø
1.50 Min
Ø
1.50 ± 0.10
B
B
A
A
Figure 13. SKY73208-11 Tape and Reel Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com