Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 146 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 146 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 142Page - STMicroelectronics STM32L496AE Datasheet HTML 143Page - STMicroelectronics STM32L496AE Datasheet HTML 144Page - STMicroelectronics STM32L496AE Datasheet HTML 145Page - STMicroelectronics STM32L496AE Datasheet HTML 146Page - STMicroelectronics STM32L496AE Datasheet HTML 147Page - STMicroelectronics STM32L496AE Datasheet HTML 148Page - STMicroelectronics STM32L496AE Datasheet HTML 149Page - STMicroelectronics STM32L496AE Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 263 page
background image
Electrical characteristics
STM32L496xx
146/263
DocID029173 Rev 2
The consumption for the peripherals when using SMPS can be found using STM32CubeMX
PCC tool.
6.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 51 are the latency between the event and the execution of
the first user instruction.
The device goes in low-power mode after the WFE (Wait For Event) instruction.
APB2
All APB2 on
55.40
41.33
46.00
µA/MHz
ALL
234.98
195.83
235.70
1. The BusMatrix is automatically active when at least one master is ON (CPU, DMA).
2. The GPIOx (x= A…I) dynamic current consumption is approximately divided by a factor two versus this table values when
the GPIO port is locked thanks to LCKK and LCKy bits in the GPIOx_LCKR register. In order to save the full GPIOx current
consumption, the GPIOx clock should be disabled in the RCC when all port I/Os are used in alternate function or analog
mode (clock is only required to read or write into GPIO registers, and is not used in AF or analog modes).
3. The AHB to APB1 Bridge is automatically active when at least one peripheral is ON on the APB1.
4. The AHB to APB2 Bridge is automatically active when at least one peripheral is ON on the APB2.
Table 50. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit
Table 51. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from Sleep
mode to Run mode
-6
6
Nb of
CPU
cycles
tWULPSLEEP
Wakeup time from Low-
power sleep mode to Low-
power run mode
Wakeup in Flash with Flash in power-down
during low-power sleep mode (SLEEP_PD=1 in
FLASH_ACR) and with clock MSI = 2 MHz
79
tWUSTOP0
Wake up time from Stop 0
mode to Run mode in Flash
Range 1
Wakeup clock MSI = 48 MHz
7.0
11.6
µs
Wakeup clock HSI16 = 16 MHz
6.2
10.7
Range 2
Wakeup clock MSI = 24 MHz
7.3
11.7
Wakeup clock HSI16 = 16 MHz
6.2
10.7
Wakeup clock MSI = 4 MHz
7.6
13.2
Wake up time from Stop 0
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
2.5
2.9
Wakeup clock HSI16 = 16 MHz
2.7
2.9
Range 2
Wakeup clock MSI = 24 MHz
3.2
3.6
Wakeup clock HSI16 = 16 MHz
2.7
2.9
Wakeup clock MSI = 4 MHz
5.7
13.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com