Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 148 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 148 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 144Page - STMicroelectronics STM32L496AE Datasheet HTML 145Page - STMicroelectronics STM32L496AE Datasheet HTML 146Page - STMicroelectronics STM32L496AE Datasheet HTML 147Page - STMicroelectronics STM32L496AE Datasheet HTML 148Page - STMicroelectronics STM32L496AE Datasheet HTML 149Page - STMicroelectronics STM32L496AE Datasheet HTML 150Page - STMicroelectronics STM32L496AE Datasheet HTML 151Page - STMicroelectronics STM32L496AE Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 263 page
background image
Electrical characteristics
STM32L496xx
148/263
DocID029173 Rev 2
6.3.7
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 6.3.14. However,
the recommended clock input waveform is shown in Figure 21: High-speed external clock
source AC timing diagram.
Table 52. Regulator modes transition times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPRUN
Wakeup time from Low-power run mode to
Run mode(2)
Code run with MSI 2 MHz
5
7
µs
tVOST
Regulator transition time from Range 2 to
Range 1 or Range 1 to Range 2(3)
Code run with MSI 24 MHz
20
40
1. Guaranteed by characterization results.
2. Time until REGLPF flag is cleared in PWR_SR2.
3. Time until VOSF flag is cleared in PWR_SR2.
Table 53. Wakeup time using USART/LPUART(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate the
maximum USART/LPUART baudrate
allowing to wakeup up from stop mode
when USART/LPUART clock source is
HSI
Stop mode 0
-
1.7
µs
Stop mode 1/2
-
8.5
1. Guaranteed by design.
Table 54. High-speed external user clock characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext User external clock source frequency
Voltage scaling
Range 1
-8
48
MHz
Voltage scaling
Range 2
-8
26
VHSEH
OSC_IN input pin high level voltage
-
0.7 VDDIOx
-VDDIOx
V
VHSEL
OSC_IN input pin low level voltage
-
VSS
-
0.3 VDDIOx
tw(HSEH)
tw(HSEL)
OSC_IN high or low time
Voltage scaling
Range 1
7-
-
ns
Voltage scaling
Range 2
18
-
-
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com