Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 147 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 147 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 143Page - STMicroelectronics STM32L496AE Datasheet HTML 144Page - STMicroelectronics STM32L496AE Datasheet HTML 145Page - STMicroelectronics STM32L496AE Datasheet HTML 146Page - STMicroelectronics STM32L496AE Datasheet HTML 147Page - STMicroelectronics STM32L496AE Datasheet HTML 148Page - STMicroelectronics STM32L496AE Datasheet HTML 149Page - STMicroelectronics STM32L496AE Datasheet HTML 150Page - STMicroelectronics STM32L496AE Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 263 page
background image
DocID029173 Rev 2
147/263
STM32L496xx
Electrical characteristics
236
tWUSTOP1
Wake up time from Stop 1
mode to Run mode in Flash
Range 1
Wakeup clock MSI = 48 MHz
8.4
9.4
µs
Wakeup clock HSI16 = 16 MHz
7.8
8.4
Range 2
Wakeup clock MSI = 24 MHz
8.7
9.6
Wakeup clock HSI16 = 16 MHz
7.8
8.3
Wakeup clock MSI = 4 MHz
8.0
12.9
Wake up time from Stop 1
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
5.5
5.9
Wakeup clock HSI16 = 16 MHz
6.6
7.0
Range 2
Wakeup clock MSI = 24 MHz
6.1
6.5
Wakeup clock HSI16 = 16 MHz
6.6
7.0
Wakeup clock MSI = 4 MHz
8.5
12.8
Wake up time from Stop 1
mode to Low-power run
mode in Flash
Regulator in
low-power
mode (LPR=1
in PWR_CR1)
Wakeup clock MSI = 2 MHz
13.8
20.0
Wake up time from Stop 1
mode to Low-power run
mode in SRAM1
11.8
22.0
tWUSTOP2
Wake up time from Stop 2
mode to Run mode in Flash
Range 1
Wakeup clock MSI = 48 MHz
8.9
9.8
µs
Wakeup clock HSI16 = 16 MHz
8.3
9.2
Range 2
Wakeup clock MSI = 24 MHz
9.3
10.2
Wakeup clock HSI16 = 16 MHz
8.2
9.2
Wakeup clock MSI = 4 MHz
14.2
16.1
Wake up time from Stop 2
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
6.1
7.1
Wakeup clock HSI16 = 16 MHz
7.2
8.1
Range 2
Wakeup clock MSI = 24 MHz
6.8
7.8
Wakeup clock HSI16 = 16 MHz
7.2
8.2
Wakeup clock MSI = 4 MHz
8.4
16.7
tWUSTBY
Wakeup time from Standby
mode to Run mode
Range 1
Wakeup clock MSI = 8 MHz
15.3
23.2
µs
Wakeup clock MSI = 4 MHz
21.3
30.5
tWUSTBY
SRAM2
Wakeup time from Standby
with SRAM2 to Run mode
Range 1
Wakeup clock MSI = 8 MHz
15.3
23.1
µs
Wakeup clock MSI = 4 MHz
21.3
30.6
tWUSHDN
Wakeup time from
Shutdown mode to Run
mode
Range 1
Wakeup clock MSI = 4 MHz
305.9 322.3
µs
1. Guaranteed by characterization results.
Table 51. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com