Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 155 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 155 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 151Page - STMicroelectronics STM32L496AE Datasheet HTML 152Page - STMicroelectronics STM32L496AE Datasheet HTML 153Page - STMicroelectronics STM32L496AE Datasheet HTML 154Page - STMicroelectronics STM32L496AE Datasheet HTML 155Page - STMicroelectronics STM32L496AE Datasheet HTML 156Page - STMicroelectronics STM32L496AE Datasheet HTML 157Page - STMicroelectronics STM32L496AE Datasheet HTML 158Page - STMicroelectronics STM32L496AE Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 263 page
background image
DocID029173 Rev 2
155/263
STM32L496xx
Electrical characteristics
236
Multi-speed internal (MSI) RC oscillator
Table 59. MSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fMSI
MSI frequency
after factory
calibration, done
at VDD=3 V and
TA=30 °C
MSI mode
Range 0
98.7
100
101.3
kHz
Range 1
197.4
200
202.6
Range 2
394.8
400
405.2
Range 3
7896
800
810.4
Range 4
0.987
1
1.013
MHz
Range 5
1.974
2
2.026
Range 6
3.948
4
4.052
Range 7
7.896
8
8.104
Range 8
15.79
16
16.21
Range 9
23.69
24
24.31
Range 10
31.58
32
32.42
Range 11
47.38
48
48.62
PLL mode
XTAL=
32.768 kHz
Range 0
-
98.304
-
kHz
Range 1
-
196.608
-
Range 2
-
393.216
-
Range 3
-
786.432
-
Range 4
-
1.016
-
MHz
Range 5
-
1.999
-
Range 6
-
3.998
-
Range 7
-
7.995
-
Range 8
-
15.991
-
Range 9
-
23.986
-
Range 10
-
32.014
-
Range 11
-
48.005
-
∆TEMP(MSI)(2)
MSI oscillator
frequency drift
over
temperature
MSI mode
TA= -0 to 85 °C
-3.5
-
3
%
TA= -40 to 125 °C
-8
-
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com