Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 158 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 158 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 154Page - STMicroelectronics STM32L496AE Datasheet HTML 155Page - STMicroelectronics STM32L496AE Datasheet HTML 156Page - STMicroelectronics STM32L496AE Datasheet HTML 157Page - STMicroelectronics STM32L496AE Datasheet HTML 158Page - STMicroelectronics STM32L496AE Datasheet HTML 159Page - STMicroelectronics STM32L496AE Datasheet HTML 160Page - STMicroelectronics STM32L496AE Datasheet HTML 161Page - STMicroelectronics STM32L496AE Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 263 page
background image
Electrical characteristics
STM32L496xx
158/263
DocID029173 Rev 2
High-speed internal 48 MHz (HSI48) RC oscillator
Table 60. HSI48 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 Frequency
VDD=3.0V, TA=30°C
-
48
-
MHz
TRIM
HSI48 user trimming step
-
-
0.11(2)
0.18(2)
%
USER TRIM
COVERAGE
HSI48 user trimming coverage
±32 steps
±3(3)
±3.5(3)
-%
DuCy(HSI48) Duty Cycle
-
45(2)
-55(2)
%
ACCHSI48_REL
Accuracy of the HSI48 oscillator
over temperature (factory
calibrated)
VDD = 3.0 V to 3.6 V,
TA = –15 to 85 °C
--
±3(3)
%
VDD = 1.65 V to 3.6 V,
TA = –40 to 125 °C
--
±4.5(3)
DVDD(HSI48)
HSI48 oscillator frequency drift
with VDD
VDD = 3 V to 3.6 V
-
0.025(3)
0.05(3)
%
VDD = 1.65 V to 3.6 V
-
0.05(3)
0.1(3)
tsu(HSI48)
HSI48 oscillator start-up time
-
-
2.5(2)
6(2)
μs
IDD(HSI48)
HSI48 oscillator power
consumption
--
340(2)
380(2)
μA
NT jitter
Next transition jitter
Accumulated jitter on 28 cycles(4)
--
+/-0.15(2)
-ns
PT jitter
Paired transition jitter
Accumulated jitter on 56 cycles(4)
--
+/-0.25(2)
-ns
1. VDD = 3 V, TA = –40 to 125°C unless otherwise specified.
2. Guaranteed by design.
3. Guaranteed by characterization results.
4. Jitter measurement are performed without clock source activated in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com