Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 159 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 159 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 155Page - STMicroelectronics STM32L496AE Datasheet HTML 156Page - STMicroelectronics STM32L496AE Datasheet HTML 157Page - STMicroelectronics STM32L496AE Datasheet HTML 158Page - STMicroelectronics STM32L496AE Datasheet HTML 159Page - STMicroelectronics STM32L496AE Datasheet HTML 160Page - STMicroelectronics STM32L496AE Datasheet HTML 161Page - STMicroelectronics STM32L496AE Datasheet HTML 162Page - STMicroelectronics STM32L496AE Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 263 page
background image
DocID029173 Rev 2
159/263
STM32L496xx
Electrical characteristics
236
Figure 27. HSI48 frequency versus temperature
Low-speed internal (LSI) RC oscillator
6.3.9
PLL characteristics
The parameters given in Table 62 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 22: General operating conditions.
Table 61. LSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fLSI
LSI Frequency
VDD = 3.0 V, TA = 30 °C
31.04
-
32.96
kHz
VDD = 1.62 to 3.6 V, TA = -40 to 125 °C
29.5
-
34
tSU(LSI)(2)
LSI oscillator start-
up time
--
80
130
μs
tSTAB(LSI)(2)
LSI oscillator
stabilization time
5% of final frequency
-
125
180
μs
IDD(LSI)(2)
LSI oscillator power
consumption
--
110
180
nA
1. Guaranteed by characterization results.
2. Guaranteed by design.
Table 62. PLL, PLLSAI1, PLLSAI2 characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(2)
-4
-
16
MHz
PLL input clock duty cycle
-
45
-
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com