Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 161 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 161 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 157Page - STMicroelectronics STM32L496AE Datasheet HTML 158Page - STMicroelectronics STM32L496AE Datasheet HTML 159Page - STMicroelectronics STM32L496AE Datasheet HTML 160Page - STMicroelectronics STM32L496AE Datasheet HTML 161Page - STMicroelectronics STM32L496AE Datasheet HTML 162Page - STMicroelectronics STM32L496AE Datasheet HTML 163Page - STMicroelectronics STM32L496AE Datasheet HTML 164Page - STMicroelectronics STM32L496AE Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 263 page
background image
DocID029173 Rev 2
161/263
STM32L496xx
Electrical characteristics
236
IDD
Average consumption
from VDD
Write mode
3.4
-
mA
Erase mode
3.4
-
Maximum current (peak)
Write mode
7 (for 2 μs)
-
Erase mode
7 (for 41 μs)
-
1. Guaranteed by design.
Table 64. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
1. Guaranteed by characterization results.
Unit
NEND
Endurance
TA = –40 to +105 °C
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
2. Cycling performed over the whole temperature range.
30
Years
1 kcycle(2) at TA = 105 °C
15
1 kcycle(2) at TA = 125 °C
7
10 kcycles(2) at TA = 55 °C
30
10 kcycles(2) at TA = 85 °C
15
10 kcycles(2) at TA = 105 °C
10
Table 63. Flash memory characteristics(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com