Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6614-EVALZ Arkusz danych(PDF) 39 Page - Analog Devices

Numer części ADRF6614-EVALZ
Szczegółowy opis  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6614-EVALZ Arkusz danych(HTML) 39 Page - Analog Devices

Back Button ADRF6614-EVALZ Datasheet HTML 35Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 36Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 37Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 38Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 39Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 40Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 41Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 42Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 39 of 61
BASIC CONNECTIONS BY PIN DESCRIPTION
Table 23. Basic Connections
Pin No.
Mnemonic
Description
Basic Connection
5 V Power
Decouple to GND with a 10 µF, a 0.1 µF, and a 10 pF
capacitor as close to the pin as possible.
7
VCC1
5 V VCO supply
16
VCC2
5 V supply for SPI port
20, 41
VCC3, VCC11
5 V biases for IF Channel 2 and IF Channel 1
27, 28, 29, 32, 33, 34
VCC4, VCC5, VCC6,
VCC8, VCC9, VCC10
5 V supplies for mixer LO amplifier
31
VCC7
5 V supply for mixer LO divider chain
46
VCC12
5 V supply for internal PLL
Internal LDO Nodes
Decouple to GND with a 10 µF and a 100 pF
capacitor, as close to the pin as possible.
8, 9
DECL1, DECL2
VCO LDO outputs
10, 11, 12
DECL3, DECL4, DECL5
External decoupling for VCO circuitry
15
LDO1
External decoupling for internal 2.5 V SPI LDO
30
LDO2
External decoupling for internal 3.3 V
PLL/divider LDO
44
LDO3
External decoupling for internal 2.5 V PLL LDO
45
LDO4
External decoupling for internal 3.3 V PLL LDO
GND
Connect directly to the PCB ground through a low
impedance connection.
1
GND
External loop filter ground
3, 6
GND
Common ground for external loop filter
24, 37
GND
IF stage, Channel 2 and Channel 1 ground
48
GND
External charge pump ground
SPI
17
SDIO
SPI port data input/output
18
SCLK
SPI port clock
19
CS
SPI port chip select
RF, Mixer, IF Path
4, 5
EXTVCOIN+,
EXTVCOIN−
External VCO or LO inputs
DC block with 100 pF capacitors.
13, 14
LOOUT+, LOOUT−
Differential LO outputs
DC block with 100 pF capacitors.
22, 23
IFOUT2+, IFOUT2−
Channel 2 differential IF outputs
Bias to 5 V supply with 330 nH inductors and dc
block with 150 pF capacitors.
25
RFBCT2
Internal mixer bias control for Channel 2 RF
input
Decouple to GND with a 10 pF and a 10 nF
capacitor, as close to the pin as possible.
26
RFIN2
Channel 2 single-ended RF input
DC block with a 22 pF capacitor.
36
RFBCT1
Internal mixer bias control for Channel 1 RF
input
Decouple to GND with a 10 pF and a 10 nF
capacitor, as close to the pin as possible.
35
RFIN1
Channel 1 single-ended RF input
DC block with a 22 pF capacitor.
38, 39
IFOUT1−, IFOUT1+
Channel 1 differential IF outputs
Bias to 5 V supply with 330 nH inductors and dc
block with 150 pF capacitors.
PLL/VCO
2
VCOVTUNE
Control voltage for internal VCO
Output from external loop filter.
43
REFIN
External reference for internal PLL
47
CPOUT
Charge pump output
Input to external loop filter.
Other
42
MUXOUT
Output for various internal analog signals,
including PLL lock detect and voltage
proportional to absolute temperature (VPTAT
)
Can be read directly from the pin; the user must be
careful of loading effects; not a low impedance output.
21, 40
DNC
Do not connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com