Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6614-EVALZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADRF6614-EVALZ
Szczegółowy opis  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6614-EVALZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADRF6614-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 11Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 12Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 13Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 10 of 61
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Supply Voltage (VCC1, VCC2, VCC3,
VCC4, VCC5, VCC6, VCC7, VCC8, VCC9,
VCC10, VCC11, VCC12, IFOUT1+,
IFOUT1−, IFOUT2+, IFOUT2−)
−0.5 V to +5.5 V
Digital Input/Output (SCLK, SDIO, CS)
−0.3 V to +3.6 V
RFINx
20 dBm
EXTVCOIN+, EXTVCOIN−
13 dBm
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJC is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 9. Thermal Resistance
Package Type
θJC
Unit
48-Lead LFCSP
1.62
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com