Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6614-EVALZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADRF6614-EVALZ
Szczegółowy opis  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6614-EVALZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADRF6614-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 11Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 12Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 9 of 61
DIGITAL LOGIC SPECIFICATIONS
Table 7.
Symbol
Description
Min
Typ
Max
Unit
tCLK
Serial clock period
38
ns
tDS
Setup time between data and rising edge of SCLK
8
ns
tDH
Hold time between data and rising edge of SCLK
8
ns
tS
Setup time between falling edge of CS and SCLK
10
ns
tH
Hold time between rising edge of CS and SCLK
10
ns
tHIGH
Minimum period for SCLK to be in a logic high state
10
ns
tLOW
Minimum period for SCLK to be in a logic low state
10
ns
tACCESS
Maximum delay between falling edge of SCLK and output data Valid for a read operation
231
ns
tZ
Maximum delay between CS deactivation and SDIO bus return to high impedance
5
ns
tS
tDS
tDH
tHIGH
tLOW
tCLK
tH
DON'T CARE
DON'T CARE
A5
A4
A3
A2
A1
A0
D15
D14
D13
D3
D2
D1
D0
DON'T CARE
DON'T CARE
SCLK
SDIO
R/W
tZ
tACCESS
A6
CS
Figure 2. Setup and Hold Timing Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com