Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6614-EVALZ Arkusz danych(PDF) 51 Page - Analog Devices

Numer części ADRF6614-EVALZ
Szczegółowy opis  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6614-EVALZ Arkusz danych(HTML) 51 Page - Analog Devices

Back Button ADRF6614-EVALZ Datasheet HTML 47Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 48Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 49Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 50Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 51Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 52Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 53Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 54Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 51 of 61
Bits
Bit Name
Settings
Description
Reset
Access
[4:2]
CPCTRL
Set charge pump control.
0x4
RW
000
Both on.
001
Pump down.
010
Pump up.
011
Tristate.
100
PFD.
101
Unused.
110
Unused.
111
Unused.
[1:0]
CLKEDGE
Set PFD edge sensitivity.
0x0
RW
00
Divider and reference down edge.
01
Divider down edge, reference up edge.
10
Divider up edge, reference down edge.
11
Divider and reference up edge.
Address: 0x42, Reset: 0x000E, Name: DITH_CTRL1
Table 38. Bit Descriptions for DITH_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[15:4]
UNUSED
Unused register bits.
0x0
RW
3
DITH_EN
Set dither enable.
0x1
RW
0
Disable.
1
Enable.
[2:1]
DITH_MAG
Dither magnitude.
0x3
RW
0
DITH_VAL_H
Highest bit of 17-bit dither value.
0x0
RW
Address: 0x43, Reset: 0x0001, Name: DITH_CTRL2
Table 39. Bit Descriptions for DITH_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
DITH_VAL_L
Lowest 16 bits of 17-bit dither value.
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com