Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6614-EVALZ Arkusz danych(PDF) 55 Page - Analog Devices

Numer części ADRF6614-EVALZ
Szczegółowy opis  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6614-EVALZ Arkusz danych(HTML) 55 Page - Analog Devices

Back Button ADRF6614-EVALZ Datasheet HTML 51Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 52Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 53Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 54Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 55Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 56Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 57Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 58Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 55 of 61
EVALUATION BOARD
An evaluation board is available for the ADRF6614. The standard
evaluation board schematic is presented in Figure 119. The USB
interface circuitry schematic is presented in Figure 121 and/or
Figure 120. The evaluation board layout is shown in Figure 122
and Figure 123. The evaluation board is fabricated using
Rogers® 3003 material. Table 47 details the configuration for the
mixer characterization. The evaluation board software is
available on www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com