Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6614-EVALZ Arkusz danych(PDF) 20 Page - Analog Devices

Numer części ADRF6614-EVALZ
Szczegółowy opis  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6614-EVALZ Arkusz danych(HTML) 20 Page - Analog Devices

Back Button ADRF6614-EVALZ Datasheet HTML 16Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 17Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 18Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 19Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 20Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 21Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 22Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 23Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
ADRF6614
Data Sheet
Rev. 0 | Page 20 of 61
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
LPF = 0
LPF = 2
LPF = 4
LPF = 6
Figure 46. Input IP3 vs. RF Frequency for All LPF Settings,
RFB and VGS Bit Use Optimum Settings
TEMPERATURE (°C)
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
–40
–20
0
20
40
60
80
IFA_MAINBIAS = 3
IFA_MAINBIAS = 4
IFA_MAINBIAS = 5
IFA_MAINBIAS = 6
IFA_MAINBIAS = 7
IFA_MAINBIAS = 8
IFA_MAINBIAS = 9
IFA_MAINBIAS = 10
IFA_MAINBIAS = 11
IFA_MAINBIAS = 12
IFA_MAINBIAS = 13
IFA_MAINBIAS = 14
IFA_MAINBIAS = 15
Figure 47. Power Dissipation vs. Temperature for Various IFA_MAINBIAS Settings
TEMPERATURE (°C)
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
2.32
2.34
2.36
2.38
–40
–20
0
20
40
60
80
IFA_LINBIAS = 0
IFA_LINBIAS = 1
IFA_LINBIAS = 2
IFA_LINBIAS = 3
IFA_LINBIAS = 4
IFA_LINBIAS = 5
IFA_LINBIAS = 6
IFA_LINBIAS = 7
IFA_LINBIAS
= 8
IFA_LINBIAS
= 9
IFA_LINBIAS
= 10
IFA_LINBIAS
= 11
IFA_LINBIAS
= 12
IFA_LINBIAS
= 13
IFA_LINBIAS
= 14
IFA_LINBIAS
= 15
Figure 48. Power Dissipation vs. Temperature for Various IFA_LINBIAS Settings
8
9
10
11
12
13
14
15
16
17
18
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900
RF FREQUENCY (MHz)
LPF = 0
LPF = 2
LPF = 4
LPF = 6
Figure 49. SSB Noise Figure vs. RF Frequency for All LPF Settings,
RFB and VGS Bit Use Optimum Settings
TEMPERATURE (°C)
10
15
20
25
30
35
40
–40
–20
0
20
40
60
80
IFA_MAINBIAS = 3
IFA_MAINBIAS = 4
IFA_MAINBIAS = 5
IFA_MAINBIAS = 6
IFA_MAINBIAS = 7
IFA_MAINBIAS = 8
IFA_MAINBIAS = 9
IFA_MAINBIAS = 10
IFA_MAINBIAS = 11
IFA_MAINBIAS = 12
IFA_MAINBIAS = 13
IFA_MAINBIAS = 14
IFA_MAINBIAS = 15
Figure 50. Input IP3 vs. Temperature for Various IFA_MAINBIAS Settings
22
24
26
28
30
32
34
36
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
IFA_LINBIAS = 0
IFA_LINBIAS = 1
IFA_LINBIAS = 2
IFA_LINBIAS = 3
IFA_LINBIAS = 4
IFA_LINBIAS = 5
IFA_LINBIAS = 6
IFA_LINBIAS = 7
IFA_LINBIAS = 8
IFA_LINBIAS = 9
IFA_LINBIAS = 10
IFA_LINBIAS = 11
IFA_LINBIAS = 12
IFA_LINBIAS = 13
IFA_LINBIAS = 14
IFA_LINBIAS = 15
Figure 51. Input IP3 vs. Temperature for Various IFA_LINBIAS Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com