Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6614-EVALZ Arkusz danych(PDF) 59 Page - Analog Devices

Numer części ADRF6614-EVALZ
Szczegółowy opis  700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6614-EVALZ Arkusz danych(HTML) 59 Page - Analog Devices

Back Button ADRF6614-EVALZ Datasheet HTML 53Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 54Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 55Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 56Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 57Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 58Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 59Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 60Page - Analog Devices ADRF6614-EVALZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
Data Sheet
ADRF6614
Rev. 0 | Page 59 of 61
Table 47. Evaluation Board Bill of Materials
Components
Description
Default Conditions
C1, C2, C8, C11, C12,
C13, C14, C15, C18,
C19, C20, C23, C26,
C27
Power supply decoupling. Nominal supply decoupling consists of a
0.1 μF capacitor to ground in parallel with a 10 pF capacitor to
ground positioned as close to the device as possible.
C1, C2, C26, C27 = 0.1 μF (size 0402)
C8, C11, C12, C13, C14, C15, C18, C19
C20, C23 = 10 pF (size 0402)
C6, C7, C24, C25
RF input interface. The input channels are ac-coupled through C6 and
C24. C7 and C25 provide bypassing for the center tap of the RF input
baluns.
C6, C24 = 22 pF (size 0402)
C7, C25 = 22 pF (size 0402)
C3, C4, C5, C28, C29,
C30, L1, L2, L3, L4,
R20, R21, R22, R23,
T1, T2
IF output interface. The open-collector IF output interfaces are biased
through pull-up choke Inductors L1, L2, L3, and L4. T1 and T2 are 4:1
impedance transformers used to provide single-ended IF output
interfaces, with C5 and C30 providing center tap bypassing. Remove
R21 and R22 for balanced output operation.
C3, C4, C5, C28, C29, C30 = 120 pF (size 0402)
L1, L2, L3, L4 = 470 nH (size 0603)
R20, R23 = open
R21, R22 = 0 Ω (size 0402)
T1, T2 = TC4-1W+ (Mini-Circuits®)
C17
LO interface. C17 provides ac coupling for the local oscillator input.
C17 = 22 pF (size 0402)
R1, R2
Bias control. R1and R2 set the bias point for the internal IF amplifier.
R1, R2 = 910 Ω (size 0402)
Figure 122. Evaluation Board, Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com