Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9381PS/N2 Arkusz danych(PDF) 49 Page - NXP Semiconductors

Numer części TDA9381PS/N2
Szczegółowy opis  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Arkusz danych(HTML) 49 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 45Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 46Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 47Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 48Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 49Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 50Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 51Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 52Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
2001 Jan 18
49
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
Screen and Global Controls
A number of attributes are available that affect the whole
display region, and cannot be applied selectively to
regions of the display.
TV SCAN LINES PER ROW
The number of TV scan lines per field used for each
display row can be defined, the value is independent of the
character size being used. The number of lines can be
either 10/13/16 per display row. The number of TV scan
lines per row is defined TXT21.DISP_LINES<1:0>.
A value of 9 lines per row can be achieved if the display is
forced into 525 line display mode by
TXT17.DISP_FORCE<1:0>, or if the device is in 10 line
mode and the automatic detection circuitry within display
finds 525 line display syncs.
CHARACTER MATRIX (HXV)
There are four different character matrices available, these
are 12x10, 12x13, and 12x16. The selection is made using
TXT21.CHAR_SIZE<1:0> and is independent of the
number of display lines per row.
If the character matrix is less than the number of TV scan
lines per row then the matrix is padded with blank lines. If
the character matrix is greater than the number of TV scan
lines then the character is truncated.
DISPLAY MODES
CC: When attributes superimpose or when boxing (see
Table 18, Serial Mode 0/1, bit 6) is set, the resulting display
depends on the setting of the following screen control
mode bits in REG0:Display Control.
Table 19 Display Modes
TXT: The display mode is controlled by the bits in the TXT5
and TXT6. There are 3 control functions - Text on,
Background on and Picture on. Separate sets of bits are
used inside and outside Teletext boxes so that different
display modes can be invoked. TXT6 is used if the
newsflash (C5) or subtitle (C6) bits in row 25 of the basic
page memory are set otherwise TXT5 is used. This allows
the software to set up the type of display required on
newsflash and subtitle pages (e.g. text inside boxes, TV
picture outside) this will be invoked without any further
software intervention when such a page is acquired.
Display Mode
MOD
10
Description
Video
0 0
Video mode disables all display
activities and sets the RGB to true
black and VDS to video.
Full Text
0 1
Full Text mode displays screen
colour at all locations not covered by
character foreground or background
colour. The box attribute has no
effect.
Mixed Screen
Colour
1 0
Mixed Screen mode displays screen
colour at all locations not covered by
character foreground, within boxed
areas or, background colour.
Mixed Video
1 1
Mixed Video mode displays video at
all locations not covered by
character foreground, within boxed
areas or, background colour.
Picture On
Text On
Background
On
Effect
0
0
x
Text mode, black screen
0
1
0
Text mode, background always black
0
1
1
Text mode
1
0
x
Video mode
1
1
0
Mixed text and TV mode
1
1
1
Text mode, TV picture outside text area
Table 20 TXT Display Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com