Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9381PS/N2 Arkusz danych(PDF) 67 Page - NXP Semiconductors

Numer części TDA9381PS/N2
Szczegółowy opis  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Arkusz danych(HTML) 67 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 63Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 64Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 65Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 66Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 67Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 68Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 69Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 70Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
2001 Jan 18
67
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
Table 34 Outputs TV-processor
FUNCTION
SUBADDR
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Output status bytes
00
POR
IFI
LOCK
SL
CD3
CD2
CD1
CD0
01
XPR
NDF
FSI
IVW
WBC
HBC
BCF
IN2
02
SUP
X
X
QSS
AFA
AFB
FMW
FML
03
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
04
SN1
SN0
XXXXXX
Explanation input control data TV-processor
Table 35 Off-set IF demodulator
Table 36 Horizontal parallelogram
Table 37
Horizontal bow
Table 38
Hue control
Table 39
Horizontal shift
Table 40
EW width
Table 41
EW parabola/width
Table 42
EW upper/lower corner parabola
Table 43
EW trapezium
DAC SETTING
CONTROL
0
negative correction
20
no correction
3F
positive correction
DAC SETTING
CONTROL
0
screen top 0.5
µs delayed and screen
bottom 0.5
µs advanced with respect
to centre
20
no correction
3F
screen top 0.5
µs advanced and
screen bottom 0.5
µs delayed with
respect to centre
DAC SETTING
CONTROL
0
screen top and bottom 0.5
µs delayed
with respect to centre
20
no correction
3F
screen top and bottom 0.5
µs
advanced with respect to centre
DAC SETTING
CONTROL
0
−45°
20
0
°
3F
+45
°
DAC SETTING
CONTROL
0
−2 µs
20
0
3F
+2
µs
DAC SETTING
CONTROL
0
output current 700
µA
3F
output current 0
µA
DAC SETTING
CONTROL
0
output current 0
µA
3F
output current 440
µA at top and
bottom of screen
DAC SETTING
CONTROL
0
output current +76
µA
11
output current 0
µA
3F
output current
−207 µA
DAC SETTING
CONTROL
0
output current at top of screen 100
µA
lower that at bottom
20
no correction
3F
output current at top of screen 100
µA
higher than at bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com