Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9381PS/N2 Arkusz danych(PDF) 66 Page - NXP Semiconductors

Numer części TDA9381PS/N2
Szczegółowy opis  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Arkusz danych(HTML) 66 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 62Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 63Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 64Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 65Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 66Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 67Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 68Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 69Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 118 page
background image
2001 Jan 18
66
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
DESCRIPTION OF THE I2C-BUS SUBADDRESSES
Table 33
Inputs TV-processor
Note
1. These functions are only available in versions which have the East-West drive output.
2. The AVL function is only available in versions which have no East-West output or when the subcarrier output is used
for the connection of the AVL capacitor (via the bits CMB1 and CMB0 in subaddress 22H).
3. Only available in types with QSS sound IF circuit and AM demodulator.
FUNCTION
SUBADDR
(HEX)
DATA BYTE
POR
D7
D6
D5
D4
D3
D2
D1
D0
Value
Off-set IF demodulator
05
0
0
A5
A4
A3
A2
A1
A0
20
Horizontal parallelogram (1)
06
0
0
A5
A4
A3
A2
A1
A0
20
Horizontal bow (1)
07
0
0
A5
A4
A3
A2
A1
A0
20
Hue
08
0
0
A5
A4
A3
A2
A1
A0
00
Horizontal shift (HS)
09
0
0
A5
A4
A3
A2
A1
A0
20
EW width (EW) (1)
0A
0
0
A5
A4
A3
A2
A1
A0
20
EW parabola/width (PW) (1)
0B
0
0
A5
A4
A3
A2
A1
A0
20
EW upper corner parabola(1)
0C
0
0
A5
A4
A3
A2
A1
A0
20
EW lower corner parabola(1)
0D
0
0
A5
A4
A3
A2
A1
A0
20
EW trapezium (TC) (1)
0E
0
0
A5
A4
A3
A2
A1
A0
20
Vertical slope (VS)
0F
0
0
A5
A4
A3
A2
A1
A0
20
Vertical amplitude (VA)
10
0
0
A5
A4
A3
A2
A1
A0
20
S-correction (SC)
11
0
0
A5
A4
A3
A2
A1
A0
20
Vertical shift (VSH)
12
0
0
A5
A4
A3
A2
A1
A0
20
Vertical zoom (VX) (1)
13
0
0
A5
A4
A3
A2
A1
A0
20
Black level offset R
14
0
0
A5
A4
A3
A2
A1
A0
20
Black level offset G
15
0
0
A5
A4
A3
A2
A1
A0
20
White point R
16
0
0
A5
A4
A3
A2
A1
A0
20
White point G
17
0
0
A5
A4
A3
A2
A1
A0
20
White point B
18
0
0
A5
A4
A3
A2
A1
A0
20
Peaking
19
PF1
PF0
A5
A4
A3
A2
A1
A0
20
Luminance delay time
1A
0
0
0
0
YD3
YD2
YD1
YD0
00
Brightness
1B
0
0
A5
A4
A3
A2
A1
A0
20
Saturation
1C
0
0
A5
A4
A3
A2
A1
A0
20
Contrast
1D
0
0
A5
A4
A3
A2
A1
A0
20
AGC take-over
1E
0
0
A5
A4
A3
A2
A1
A0
20
Volume control
1F
0
0
A5
A4
A3
A2
A1
A0
20
Colour decoder 0
20
CM3
CM2
CM1
CM0
MAT
MUS
ACL
CB
00
Colour decoder 1
21
0
0
0
0
0
0
BPS
FCO
00
AV-switch 0
22
0
SVO
CMB1
CMB0
INA
INB
0
00
AV-switch 1
23
0
0
0
0
0
0
0
RGBL
00
Synchronisation 0
24
0
HP2
FOA
FOB
POC
STB
VIM
VID
00
Synchronisation 1
25
0
0
FSL
OSO
FORF
FORS
DL
NCIN
00
Deflection
26
0
AFN
DFL
XDT
SBL
AVG
EVG
HCO(1)
00
Vision IF 0
27
IFA
IFB
IFC
VSW
MOD
AFW
IFS
STM
00
Vision IF 1
28
SIF
0
0
IFLH
0
AGC1
AGC0
FFI
00
Sound 0
29
AGN
SM1
FMWS
AM(3)
SM0
0
FMB
FMA
00
Control 0
2A
0
IE2
RBL
AKB
CL3
CL2
CL1
CL0
00
Control 1
2B
0
IVG
0
0
0
YUV
0
HBL(1)
00
Sound 1
2C
0
0
ADX
0
0
AVL(2)
00
00
Features 0
2D
0
0
0
0
0
0
0
BKS
00
Features 1
2E
0
0
RPO1
RPO0
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com