Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9381PS/N2 Arkusz danych(PDF) 90 Page - NXP Semiconductors

Numer części TDA9381PS/N2
Szczegółowy opis  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Arkusz danych(HTML) 90 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 86Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 87Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 88Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 89Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 90Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 91Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 92Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 93Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 118 page
background image
2001 Jan 18
90
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
Colour demodulation part
CHROMINANCE AMPLIFIER
D.1.1
ACC control range
note 48
26
−−
dB
D.1.2
change in amplitude of the
output signals over the ACC
range
−−
2dB
D.1.3
threshold colour killer ON
−30
−−
dB
D.1.4
hysteresis colour killer OFF
strong signal conditions;
S/N
≥ 40 dB; note 6
−
+3
−
dB
D.1.5
noisy input signals; note 6
−
+1
−
dB
ACL CIRCUIT; NOTE 49
D.2.1
chrominance burst ratio at which
the ACL starts to operate
−
3.0
−
REFERENCE PART
Phase-locked loop
D.3.1
catching range
±500
−−
Hz
D.3.2
phase shift for a
±400 Hz
deviation of the oscillator
frequency
note 6
−−
2
deg
HUE CONTROL
D.5.1
hue control range
63 steps; see Fig.32
±35
±40
−
deg
D.5.2
hue variation for
±10% V
P
note 6
−
0
−
deg
D.5.3
hue variation with temperature
Tamb =0to70 °C; note 6
−
0
−
deg
DEMODULATORS
General
D.6.3
spread of signal amplitude ratio
between standards
note 6
−1
−
+1
dB
D.6.5
bandwidth of demodulators
−3 dB; note 50
−
650
−
kHz
PAL/NTSC demodulator
D.6.6
gain between both demodulators
G(B
−Y) and G(R−Y)
1.60
1.78
1.96
D.6.12
change of output signal
amplitude with temperature
note 6
−
0.1
−
%/K
D.6.13
change of output signal
amplitude with supply voltage
note 6
−−±0.1
dB
D.6.14
phase error in the demodulated
signals
note 6
−−±5
deg
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com