Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9381PS/N2 Arkusz danych(PDF) 13 Page - NXP Semiconductors

Numer części TDA9381PS/N2
Szczegółowy opis  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Arkusz danych(HTML) 13 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 9Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 10Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 11Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 12Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 13Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 14Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 15Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 16Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
2001 Jan 18
13
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
92H
R/W
TP2H
TP2H<15>
TP2H<14>
TP2H<13>
TP2H<12>
TP2H<11>
TP2H<10>
TP2H<9>
TP2H<8>
93H
R/W
TP2PR
TP2PR<7>
TP2PR<6>
TP2PR<5>
TP2PR<4>
TP2PR<3>
TP2PR<2>
TP2PR<1>
TP2PR<0>
94H
R/W
TP2CRL
------
TP2CRL<1>
TP2CRL<0>
96H
R/W
P0CFGA
Reserved
P0CFGA<6>
P0CFGA<5>
Reserved
Reserved
Reserved
Reserved
Reserved
97H
R/W
P0CFGB
Reserved
P0CFGB<6>
P0CFGB<5>
Reserved
Reserved
Reserved
Reserved
Reserved
98H
R/W
SADB
-
-
-
DC_COMP
SAD<3>
SAD<2>
SAD<1>
SAD<0>
9CH
R
TP2CL
TP2CL<7>
TP2CL<6>
TP2CL<5>
TP2CL<4>
TP2CL<3>
TP2CL<2>
TP2CL<1>
TP2CL<0>
9DH
R
TP2CH
TP2CH<7>
TP2CH<6>
TP2CH<5>
TP2CH<4>
TP2CH<3>
TP2CH<2>
TP2CH<1>
TP2CH<0>
9EH
R/W
P1CFGA
P1CFGA<7>
P1CFGA<6>
Reserved
Reserved
P1CFGA<3>
P1CFGA<2>
P1CFGA<1>
P1CFGA<0>
9FH
R/W
P1CFGB
P1CFGB<7>
P1CFGB<6>
Reserved
Reserved
P1CFGB<3>
P1CFGB<2>
P1CFGB<1>
P1CFGB<0>
A0H
R/W
P2
Reserved
------
P2<0>
A6H
R/W
P2CFGA
Reserved
P2CFGA<6>
P2CFGA<5>
P2CFGA<4>
P2CFGA<3>
P2CFGA<2>
P2CFGA<1>
P2CFGA<0>
A7H
R/W
P2CFGB
Reserved
P2CFGB<6>
P2CFGB<5>
P2CFGB<4>
P2CFGB<3>
P2CFGB<2>
P2CFGB<1>
P2CFGB<0>
A8H
R/W
IE
EA
EBUSY
ES2
ECC
ET1
EX1
ET0
EX0
B0H
R/W
P3
Reserved
Reserved
Reserved
Reserved
P3<3>
P3<2>
P3<1>
P3<0>
B2H
R/W
TXT18
NOT<3>
NOT<2>
NOT<1>
NOT<0>
0
0
BS<1>
BS<0>
B3H
R/W
TXT19
TEN
TC<2>
TC<1>
TC<0>
0
0
TS<1>
TS<0>
B4H
R/W
TXT20
DRCS
ENABLE
OSD
PLANES
0
0
OSD LANG
ENABLE
OSD
LAN<2>
OSD
LAN<1>
OSD
LAN<0>
B5H
R/W
TXT21
DISP
LINE<1>
DISP
LINES<0>
CHAR
SIZE<1>
CHAR
SIZE<0>
Reserved
CC ON
I2C PORT0
CC/TXT
B6H
R
TXT22
GPF1<7>
GPF1<6>
GPF1<5>
GPF1<4>
GPF1<3>
GPF1<2>
GPF1<1>
GPF1<0>
B7H
R/W
CCLIN
0
0
0
CS<4>
CS<3>
CS<2>
CS<1>
CS<0>
B8H
R/W
IP
0
PBUSY
PES2
PCC
PT1
PX1
PT0
PX0
B9H
R/W
TXT17
0
FORCE
ACQ<1>
FORCE
ACQ<0>
FORCE
DISP<1>
FORCE
DISP<0>
SCREEN
COL<2>
SCREEN
COL<1>
SCREEN
COL<0>
BAH
R
WSS1
0
0
0
WSS<3:0>
ERROR
WSS<3>
WSS<2>
WSS<1>
WSS<0>
BBH
R
WSS2
0
0
0
WSS<7:4>
ERROR
WSS<7>
WSS<6>
WSS<5>
WSS<4>
BCH
R
WSS3
WSS<13:11>
ERROR
WSS<13>
WSS<12>
WSS<11>
WSS<10:8>
ERROR
WSS<10>
WSS<9>
WSS<8>
BEH
R/W
P3CFGA
Reserved
Reserved
Reserved
Reserved
P3CFGA<3>
P3CFGA<2>
P3CFGA<1>
P3CFGA<0>
BFH
R/W
P3CFGB
Reserved
Reserved
Reserved
Reserved
P3CFGB<3>
P3CFGB<2>
P3CFGB<1>
P3CFGB<0>
C0H
R/W
TXT0
X24 POSN
DISPLAY
X24
AUTO
FRAME
DISABLE
HEADER
ROLL
DISPLAY
STATUS
ROW ONLY
DISABLE
FRAME
VPS ON
INV ON
ADD
R/W
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Table 2
SFR Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com