Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9381PS/N2 Arkusz danych(PDF) 21 Page - NXP Semiconductors

Numer części TDA9381PS/N2
Szczegółowy opis  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Arkusz danych(HTML) 21 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 17Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 18Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 19Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 20Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 21Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 22Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 23Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 24Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
2001 Jan 18
21
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
M1,M0
Mode Control bits Timer/Counter 0.
M1,M0 = 00, 8 bit timer or 8 bit counter with divide by 32 pre-scaler.
M1,M0 = 01, 16 bit time interval or event counter.
M1,M0 = 10, 8 bit time interval or event counter with automatic reload upon overflow. Reload value stored in TH0.
M1,M0 = 11, one 8 bit time interval or event counter and one 8 bit time interval counter.
TP2CL
9CH
TP2CL<7>
TP2CL<6>
TP2CL<5>
TP2CL<4>
TP2CL<3>
TP2CL<2>
TP2CL<1>
TP2CL<0>
00H
TP2CL<7:0>
Indicate the low byte of the Time 2 current value.
TP2CH
9DH
TP2CH<7>
TP2CH<6>
TP2CH<5>
TP2CH<4>
TP2CH<3>
TP2CH<2>
TP2CH<1>
TP2CH<0>
00H
TP2CH<7:0>
Indicate the high byte of the Time 2 current value.
TP2H
92H
TP2H<7>
TP2H<6>
TP2H<5>
TP2H<4>
TP2H<3>
TP2H<2>
TP2H<1>
TP2H<0>
00H
TP2H<7:0>
Timer 2 high byte, never change unless updated by the software.
TP2L
91H
TP2L<7>
TP2L<6>
TP2L<5>
TP2L<4>
TP2L<3>
TP2L<2>
TP2L<1>
TP2L<0>
00H
TP2L<7:0>
Timer 2 low byte, never change unless updated by the software.
TP2PR
93H
TP2PR<7>
TP2PR<6>
TP2PR<5>
TP2PR<4>
TP2PR<3>
TP2PR<2>
TP2PR<1>
TP2PR<0>
00H
TP2H<7:0>
Timer 2 Pre-scaler, never change unless updated by the software.
TP2CRL
94H
------
TP2CRL<1>
TP2CRL<0>
00H
TP2CRL<0>
Timer 2 Control.
0 - Timer 2 disabled.
1 - Timer 2 enabled.
TP2CRL<1>
Timer 2 Status.
0 - No Overflow.
1 - Overflow.
TEST
FDH
TEST<7>
TEST<6>
TEST<5>
TEST<4>
TEST<3>
TEST<2>
TEST<1>
TEST<0>
00H
TEST<2:0>
Program Type bit SEL<2:0>.
011 - Display Dram test.
001 - Acquisition1 test.
010 - Acquisition2 test
TEST<4:3>
Functional test mode bits, set via mode select logic.
TEST<7:5>
Dram Size.
000 - 1.5K x 16.
001 - 2K x 16.
010 - 6K x 16.
011 - 7K x 16.
100 - 12K x 16.
101 - 14K x 16.
110 - 1K x 16.
111 - 11K x 16.
TXT0
C0H
X24 POSN
DISPLAY
X24
AUTO
FRAME
DISABLE
HEADER
ROLL
DISPLAY
STATUS
ROW
ONLY
DISABLE
FRAME
VPS ON
INV ON
00H
X24 POSN
0 - Store X/24 in extension memory
1 - Store X/24 in basic page memory with packets 0 to 23
Names
ADD
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com